Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554DW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9554DW
Description  SMBus I/O Expander With Interrupt Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9554DW Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCA9554DW Datasheet HTML 2Page - Texas Instruments PCA9554DW Datasheet HTML 3Page - Texas Instruments PCA9554DW Datasheet HTML 4Page - Texas Instruments PCA9554DW Datasheet HTML 5Page - Texas Instruments PCA9554DW Datasheet HTML 6Page - Texas Instruments PCA9554DW Datasheet HTML 7Page - Texas Instruments PCA9554DW Datasheet HTML 8Page - Texas Instruments PCA9554DW Datasheet HTML 9Page - Texas Instruments PCA9554DW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
PCA9554
SCPS128C – JULY 2006 – REVISED JUNE 2014
www.ti.com
6.5 I
2C Interface Timing Requirements
over operating free-air temperature range (unless otherwise noted) (see Figure 14)
STANDARD MODE
FAST MODE
I2C BUS
I2C BUS
UNIT
MIN
MAX
MIN
MAX
fscl
I2C clock frequency
0
100
0
400
kHz
tsch
I2C clock high time
4
0.6
μs
tscl
I2C clock low time
4.7
1.3
μs
tsp
I2C spike time
50
50
ns
tsds
I2C serial-data setup time
250
100
ns
tsdh
I2C serial-data hold time
0
0
ns
ticr
I2C input rise time
1000
20 + 0.1Cb
(1)
300
ns
ticf
I2C input fall time
300
20 + 0.1Cb
(1)
300
ns
tocf
I2C output fall time
10-pF to 400-pF bus
300
20 + 0.1Cb
(1)
300
ns
tbuf
I2C bus free time between stop and start
4.7
1.3
μs
tsts
I2C start or repeated start condition setup
4.7
0.6
μs
tsth
I2C start or repeated start condition hold
4
0.6
μs
tsps
I2C stop condition setup
4
0.6
μs
SCL low to SDA output
tvd(data)
Valid data time
300
50
ns
valid
ACK signal from SCL low
tvd(ack)
Valid data time of ACK condition
0.3
3.45
0.1
0.9
μs
to SDA (out) low
Cb
I2C bus capacitive load
400
400
ns
(1)
Cb = Total capacitive load of one bus in pF
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted) (see Figure 15 and Figure 16)
STANDARD MODE
FAST MODE
FROM
TO
I2C BUS
I2C BUS
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tiv
Interrupt valid time
P port
INT
4
4
μs
tir
Interrupt reset delay time
SCL
INT
4
4
μs
tpv
Output data valid
SCL
P7–P0
200
200
ns
tps
Input data setup time
P port
SCL
100
100
ns
tph
Input data hold time
P port
SCL
1
1
μs
6
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: PCA9554


Similar Part No. - PCA9554DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DWR TI-PCA9554DWR Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9554DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9554A TI1-PCA9554A_15 Datasheet
1Mb / 40P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9555 TI1-PCA9555_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCF8575 TI-PCF8575 Datasheet
749Kb / 28P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
logo
Texas Instruments
PCF8575C TI-PCF8575C Datasheet
667Kb / 26P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
logo
Pericom Semiconductor C...
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
   SMBus I/O port with Interrupt
logo
Texas Instruments
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCAL9538 TI-TCAL9538_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com