Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9555DW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9555DW
Description  SMBus I/O Expander With Interrupt Output
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9555DW Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCA9555DW Datasheet HTML 2Page - Texas Instruments PCA9555DW Datasheet HTML 3Page - Texas Instruments PCA9555DW Datasheet HTML 4Page - Texas Instruments PCA9555DW Datasheet HTML 5Page - Texas Instruments PCA9555DW Datasheet HTML 6Page - Texas Instruments PCA9555DW Datasheet HTML 7Page - Texas Instruments PCA9555DW Datasheet HTML 8Page - Texas Instruments PCA9555DW Datasheet HTML 9Page - Texas Instruments PCA9555DW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
PCA9555
SCPS131F – AUGUST 2005 – REVISED JUNE 2014
www.ti.com
6.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
VIK
Input diode clamp voltage
II = –18 mA
2.3 V to 5.5 V
–1.2
V
VPOR
Power-on reset voltage
VI = VCC or GND, IO = 0
VPOR
1.5
1.65
V
2.3 V
1.8
IOH = –8 mA
3 V
2.6
4.75 V
4.1
VOH
P-port high-level output voltage(2)
V
2.3 V
1.7
IOH = –10 mA
3 V
2.5
4.75 V
4
SDA
VOL = 0.4 V
3
VOL = 0.5 V
8
20
IOL
P port(3)
2.3 V to 5.5 V
mA
VOL = 0.7 V
10
24
INT
VOL = 0.4 V
3
SCL, SDA
±1
II
VI = VCC or GND
2.3 V to 5.5 V
μA
A2–A0
±1
IIH
P port
VI = VCC
2.3 V to 5.5 V
1
μA
IIL
P port
VI = GND
2.3 V to 5.5 V
–100
μA
5.5 V
100
200
VI = VCC or GND, IO = 0,
Operating mode
3.6 V
30
75
μA
I/O = inputs, fSCL = 400 kHz, No load
2.7 V
20
50
5.5 V
1.1
1.5
VI = GND, IO = 0, I/O = inputs,
ICC
Low inputs
3.6 V
0.7
1.3
mA
fSCL = 0 kHz, No load
2.7 V
0.5
1
Standby mode
5.5 V
0.5
1
VI = VCC, IO = 0, I/O = inputs,
High inputs
3.6 V
0.4
0.9
μA
fSCL = 0 kHz, No load
2.7 V
0.25
0.8
Additional current in standby
One input at VCC – 0.6 V,
ΔICC
2.3 V to 5.5 V
1.5
mA
mode
Other inputs at VCC or GND
CI
SCL
VI = VCC or GND
2.3 V to 5.5 V
3
7
pF
SDA
3
7
Cio
VIO = VCC or GND
2.3 V to 5.5 V
pF
P port
3.7
9.5
(1)
All typical values are at nominal supply voltage (2.5-V, 3.3-V, or 5-V VCC) and TA = 25°C.
(2)
Each I/O must be externally limited to a maximum of 25 mA, and each octal (P07–P00 and P17–P10) must be limited to a maximum
current of 100 mA, for a device total of 200 mA.
(3)
The total current sourced by all I/Os must be limited to 160 mA (80 mA for P07–P00 and 80 mA for P17–P10).
6
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: PCA9555


Similar Part No. - PCA9555DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555DW TI-PCA9555DW Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555DW TI-PCA9555DW Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555DW TI-PCA9555DW Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555DWG4 TI-PCA9555DWG4 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555DWG4 TI-PCA9555DWG4 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9555DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9554A TI1-PCA9554A_15 Datasheet
1Mb / 40P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCF8575 TI-PCF8575 Datasheet
749Kb / 28P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
logo
Texas Instruments
PCF8575C TI-PCF8575C Datasheet
667Kb / 26P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
logo
Pericom Semiconductor C...
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
   SMBus I/O port with Interrupt
logo
Texas Instruments
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCAL9538 TI-TCAL9538_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com