Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9555DW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9555DW
Description  SMBus I/O Expander With Interrupt Output
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9555DW Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCA9555DW Datasheet HTML 5Page - Texas Instruments PCA9555DW Datasheet HTML 6Page - Texas Instruments PCA9555DW Datasheet HTML 7Page - Texas Instruments PCA9555DW Datasheet HTML 8Page - Texas Instruments PCA9555DW Datasheet HTML 9Page - Texas Instruments PCA9555DW Datasheet HTML 10Page - Texas Instruments PCA9555DW Datasheet HTML 11Page - Texas Instruments PCA9555DW Datasheet HTML 12Page - Texas Instruments PCA9555DW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
0
25
50
75
100
125
150
175
200
225
250
275
300
-50
-25
0
25
50
75
100
TA – Free-Air Tem perature – °C
VCC = 5 V, IOL = 10 m A
VCC = 2.5 V, IOL = 10 m A
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0 1 2 3 4 5 6 7
8 9 10 11 12 13 14 15 16
Num ber of I/Os Held Low
TA = –40°C
VCC = 5 V
TA = 25°C
TA = 125°C
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
(VCC – VOH) – V
TA = –40°C
VCC = 5 V
TA = 25°C
TA = 125°C
0
5
10
15
20
25
30
35
40
45
50
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
(VCC – VOH) – V
TA = –40°C
VCC = 3.3 V
TA = 25°C
TA = 125°C
0
25
50
75
100
125
150
175
200
225
250
275
300
-50
-25
0
25
50
75
100
TA – Free-Air Tem perature – °C
VCC = 5 V, ISINK = 10 m A
VCC = 2.5 V, ISINK = 10 m A
VCC = 2.5 V, ISINK = 1 m A
VCC = 5 V, ISINK = 1 m A
0
5
10
15
20
25
30
35
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
(VCC – VOH) – V
TA = –40°C
VCC = 2.5 V
TA = 25°C
TA = 125°C
PCA9555
www.ti.com
SCPS131F – AUGUST 2005 – REVISED JUNE 2014
Typical Characteristics (continued)
TA = 25°C (unless otherwise noted)
Figure 8. I/O Source Current vs Output High Voltage
Figure 7. I/O Output Low Voltage vs Temperature
Figure 9. I/O Source Current vs Output High Voltage
Figure 10. I/O Source Current vs Output High Voltage
Figure 12. Supply Current vs Number Of I/Os Held Low
Figure 11. I/O High Voltage vs Temperature
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: PCA9555


Similar Part No. - PCA9555DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555DW TI-PCA9555DW Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555DW TI-PCA9555DW Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555DW TI-PCA9555DW Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555DWG4 TI-PCA9555DWG4 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555DWG4 TI-PCA9555DWG4 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9555DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9554A TI1-PCA9554A_15 Datasheet
1Mb / 40P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCF8575 TI-PCF8575 Datasheet
749Kb / 28P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
logo
Texas Instruments
PCF8575C TI-PCF8575C Datasheet
667Kb / 26P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
logo
Pericom Semiconductor C...
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
   SMBus I/O port with Interrupt
logo
Texas Instruments
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCAL9538 TI-TCAL9538_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com