Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9555PWG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # PCA9555PWG4
Description  SMBus I/O Expander With Interrupt Output
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9555PWG4 Datasheet(HTML) 4 Page - Texas Instruments

  PCA9555PWG4 Datasheet HTML 1Page - Texas Instruments PCA9555PWG4 Datasheet HTML 2Page - Texas Instruments PCA9555PWG4 Datasheet HTML 3Page - Texas Instruments PCA9555PWG4 Datasheet HTML 4Page - Texas Instruments PCA9555PWG4 Datasheet HTML 5Page - Texas Instruments PCA9555PWG4 Datasheet HTML 6Page - Texas Instruments PCA9555PWG4 Datasheet HTML 7Page - Texas Instruments PCA9555PWG4 Datasheet HTML 8Page - Texas Instruments PCA9555PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
DB, DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
INT
A1
A2
P00
P01
P02
P03
P04
P05
P06
P07
GND
VCC
SDA
SCL
A0
P17
P16
P15
P14
P13
P12
P11
P10
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
24 23 22 21 20
7
8
9 10 11
1
2
3
4
5
6
18
17
16
15
14
13
RGE PACKAGE
(TOP VIEW)
19
12
P00
P01
P02
P03
P04
P05
A0
P17
P16
P15
P14
P13
PCA9555
SCPS131F – AUGUST 2005 – REVISED JUNE 2014
www.ti.com
5 Pin Configuration and Functions
Pin Functions
PIN
SOIC (D),
SSOP (DB),
DESCRIPTION
NAME
QSOP (DBQ),
QFN (RGE)
TSSOP (PW), AND
TVSOP (DGV)
INT
1
22
Interrupt output. Connect to VCC through a pullup resistor.
A1
2
23
Address input 1. Connect directly to VCC or ground.
A2
3
24
Address input 2. Connect directly to VCC or ground.
P00
4
1
P-port input/output. Push-pull design structure.
P01
5
2
P-port input/output. Push-pull design structure.
P02
6
3
P-port input/output. Push-pull design structure.
P03
7
4
P-port input/output. Push-pull design structure.
P04
8
5
P-port input/output. Push-pull design structure.
P05
9
6
P-port input/output. Push-pull design structure.
P06
10
7
P-port input/output. Push-pull design structure.
P07
11
8
P-port input/output. Push-pull design structure.
GND
12
9
Ground
P10
13
10
P-port input/output. Push-pull design structure.
P11
14
11
P-port input/output. Push-pull design structure.
P12
15
12
P-port input/output. Push-pull design structure.
P13
16
13
P-port input/output. Push-pull design structure.
P14
17
14
P-port input/output. Push-pull design structure.
P15
18
15
P-port input/output. Push-pull design structure.
P16
19
16
P-port input/output. Push-pull design structure.
P17
20
17
P-port input/output. Push-pull design structure.
A0
21
18
Address input 0. Connect directly to VCC or ground.
SCL
22
19
Serial clock bus. Connect to VCC through a pullup resistor.
SDA
23
20
Serial data bus. Connect to VCC through a pullup resistor.
VCC
24
21
Supply voltage
4
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: PCA9555


Similar Part No. - PCA9555PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555PWG4 TI-PCA9555PWG4 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555PWG4 TI-PCA9555PWG4 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9555PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9554A TI1-PCA9554A_15 Datasheet
1Mb / 40P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCF8575 TI-PCF8575 Datasheet
749Kb / 28P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
logo
Texas Instruments
PCF8575C TI-PCF8575C Datasheet
667Kb / 26P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
logo
Pericom Semiconductor C...
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
   SMBus I/O port with Interrupt
logo
Texas Instruments
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCAL9538 TI-TCAL9538_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com