Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9555PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9555PWR
Description  SMBus I/O Expander With Interrupt Output
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9555PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCA9555PWR Datasheet HTML 3Page - Texas Instruments PCA9555PWR Datasheet HTML 4Page - Texas Instruments PCA9555PWR Datasheet HTML 5Page - Texas Instruments PCA9555PWR Datasheet HTML 6Page - Texas Instruments PCA9555PWR Datasheet HTML 7Page - Texas Instruments PCA9555PWR Datasheet HTML 8Page - Texas Instruments PCA9555PWR Datasheet HTML 9Page - Texas Instruments PCA9555PWR Datasheet HTML 10Page - Texas Instruments PCA9555PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
PCA9555
www.ti.com
SCPS131F – AUGUST 2005 – REVISED JUNE 2014
6.5 I
2C Interface Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 14)
MIN
MAX
UNIT
fscl
I2C clock frequency
0
400
kHz
tsch
I2C clock high time
0.6
μs
tscl
I2C clock low time
1.3
μs
tsp
I2C spike time
50
ns
tsds
I2C serial-data setup time
100
ns
tsdh
I2C serial-data hold time
0
ns
ticr
I2C input rise time
20 + 0.1Cb
(1)
300
ns
ticf
I2C input fall time
20 + 0.1Cb
(1)
300
ns
tocf
I2C output fall time
10-pF to 400-pF bus
20 + 0.1Cb
(1)
300
ns
tbuf
I2C bus free time between Stop and Start
1.3
μs
tsts
I2C Start or repeated Start condition setup
0.6
μs
tsth
I2C Start or repeated Start condition hold
0.6
μs
tsps
I2C Stop condition setup
0.6
μs
tvd(Data)
Valid-data time
SCL low to SDA output valid
50
ns
tvd(ack)
Valid-data time of ACK condition
ACK signal from SCL low to SDA (out) low
0.1
0.9
μs
Cb
I2C bus capacitive load
400
pF
(1)
Cb = total capacitance of one bus line in pF
6.6 Switching Characteristics
over recommended operating free-air temperature range, CL ≤ 100 pF (unless otherwise noted) (see Figure 15 and Figure 16)
FROM
TO
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
tiv
Interrupt valid time
P port
INT
4
μs
tir
Interrupt reset delay time
SCL
INT
4
μs
tpv
Output data valid
SCL
P port
200
ns
tps
Input data setup time
P port
SCL
150
ns
tph
Input data hold time
P port
SCL
1
μs
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCA9555


Similar Part No. - PCA9555PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555PWR TI-PCA9555PWR Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555PWR TI-PCA9555PWR Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555PWR TI-PCA9555PWR Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555PWRE4 TI-PCA9555PWRE4 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555PWRE4 TI-PCA9555PWRE4 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9555PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9554A TI1-PCA9554A_15 Datasheet
1Mb / 40P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCF8575 TI-PCF8575 Datasheet
749Kb / 28P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
logo
Texas Instruments
PCF8575C TI-PCF8575C Datasheet
667Kb / 26P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
logo
Pericom Semiconductor C...
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
   SMBus I/O port with Interrupt
logo
Texas Instruments
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCAL9538 TI-TCAL9538_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com