Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720130GC-9EU-SIN Datasheet(PDF) 4 Page - NEC

Part # UPD720130GC-9EU-SIN
Description  USB2.0 to IDE Bridge
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720130GC-9EU-SIN Datasheet(HTML) 4 Page - NEC

  UPD720130GC-9EU-SIN Datasheet HTML 1Page - NEC UPD720130GC-9EU-SIN Datasheet HTML 2Page - NEC UPD720130GC-9EU-SIN Datasheet HTML 3Page - NEC UPD720130GC-9EU-SIN Datasheet HTML 4Page - NEC UPD720130GC-9EU-SIN Datasheet HTML 5Page - NEC UPD720130GC-9EU-SIN Datasheet HTML 6Page - NEC UPD720130GC-9EU-SIN Datasheet HTML 7Page - NEC UPD720130GC-9EU-SIN Datasheet HTML 8Page - NEC UPD720130GC-9EU-SIN Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Data Sheet S16302EJ3V0DS
4
µµµµPD720130
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
1VDD25
26
VSS
51
VDD25
76
VSS
2VDD33
27
IDEIOWB
52
VDD33
77
DPC
3
XIN
28
IDEDRQ
53
GPIO7
78
SDA
4
XOUT
29
IDED15
54
GPIO6
79
SCL
5VSS
30
IDED0
55
GPIO5
80
TEST2
6
RESETB
31
VDD33
56
GPIO4
81
VDD25
7VDD33
32
IDED14
57
GPIO3
82
RPU
8
IRQ0
33
IDED1
58
GPIO2
83
VDD25
9
MD0
34
IDED13
59
GPIO1
84
VSS
10
MD1
35
IDED2
60
VSS
85
RSDP
11
IDECS1B
36
VDD25
61
GPIO0
86
DP
12
IDECS0B
37
VSS
62
PIO15
87
VDD33
13
IDEA2
38
IDED12
63
PIO14
88
DM
14
IDEA0
39
IDED3
64
DCC
89
RSDM
15
IDEA1
40
IDED11
65
DV1
90
VSS
16
VSS
41
IDED4
66
DV0
91
AVDD25
17
IDEINT
42
IDED10
67
VSS
92
AVSS
18
IDEDAKB
43
VDD33
68
SPD
93
RREF
19
IDEIORDY
44
IDED5
69
CLC
94
AVSS(R)
20
IDEIORB
45
IDED9
70
PWR
95
AVDD25
21
TEST0
46
IDED6
71
CMB_BSY
96
AVSS
22
TEST1
47
IDED8
72
PIO5
97
VDD25
23
TEST3
48
IDED7
73
CMB_STATE
98
VBUS
24
VDD33
49
IDERSTB
74
VDD33
99
SMC
25
VDD25
50
VSS
75
VDD25
100
VSS
Remark AVSS(R) should be used to connect RREF through 1 % precision reference resistor of 2.43 k
Ω.


Similar Part No. - UPD720130GC-9EU-SIN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD720130GC-9EU-SIN RENESAS-UPD720130GC-9EU-SIN Datasheet
518Kb / 46P
   MOS INTEGRATED CIRCUIT
2002
More results

Similar Description - UPD720130GC-9EU-SIN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6395 ETC2-AU6395 Datasheet
740Kb / 22P
   USB2.0 to SATA Bridge Controller
PL-2507 ETC1-PL-2507 Datasheet
39Kb / 1P
   Hi-Speed USB to IDE Bridge Controller
logo
Future Technology Devic...
FT4222HQ-C-R FTDI-FT4222HQ-C-R Datasheet
1Mb / 49P
   USB2.0 to QuadSPI/I2C Bridge IC
logo
Oxford Semiconductor
OXUSB954 OXFORD-OXUSB954 Datasheet
54Kb / 2P
   USB2.0 to Quad Serial Port Bridge
logo
List of Unclassifed Man...
AU6390 ETC2-AU6390 Datasheet
435Kb / 19P
   USB2.0 to ATA/ATAPI Bridge Controller
AU6391 ETC2-AU6391 Datasheet
673Kb / 22P
   USB2.0 to ATA/ATAPI Bridge Controller
logo
Oxford Semiconductor
OXUF924DSA OXFORD-OXUF924DSA Datasheet
65Kb / 2P
   FireWire400, FireWire800 & USB2.0 to Dual SATA Bridge
logo
List of Unclassifed Man...
PL-3507 ETC-PL-3507 Datasheet
35Kb / 1P
   Hi-Speed USB & IEEE1394 Combo to IDE Bridge Controller
logo
Silicon image
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
   PCI to IDE/ATA
logo
Cypress Semiconductor
SL11RIDE CYPRESS-SL11RIDE Datasheet
316Kb / 27P
   USB to IDE/ATAPI Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com