Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL256N80FAIV20 Datasheet(PDF) 1 Page - SPANSION

Part # S29GL256N80FAIV20
Description  MirrorBit Flash Family
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL256N80FAIV20 Datasheet(HTML) 1 Page - SPANSION

  S29GL256N80FAIV20 Datasheet HTML 1Page - SPANSION S29GL256N80FAIV20 Datasheet HTML 2Page - SPANSION S29GL256N80FAIV20 Datasheet HTML 3Page - SPANSION S29GL256N80FAIV20 Datasheet HTML 4Page - SPANSION S29GL256N80FAIV20 Datasheet HTML 5Page - SPANSION S29GL256N80FAIV20 Datasheet HTML 6Page - SPANSION S29GL256N80FAIV20 Datasheet HTML 7Page - SPANSION S29GL256N80FAIV20 Datasheet HTML 8Page - SPANSION S29GL256N80FAIV20 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
This document contains information on a product under development at FASL LLC. The information is intended to help you evaluate this product. FASL LLC reserves the
right to change or discontinue work on this proposed product without notice.
Publication Number 27631
Revision A Amendment 4 Issue Date May 13, 2004
ADVANCE
INFORMATION
S29GLxxxN MirrorBitTM Flash Family
S29GL512N, S29GL256N, S29GL128N
512 Megabit, 256 Megabit, and 128 Megabit,
3.0 Volt-only Page Mode Flash Memory featuring
110 nm MirrorBit process technology
Datasheet
Distinctive Characteristics
Architectural Advantages
Single power supply operation
— 3 volt read, erase, and program operations
Enhanced VersatileI/O™ control
— All input levels (address, control, and DQ input levels)
and outputs are determined by voltage on VIO input.
VIO range is 1.65 to VCC
Manufactured on 110 nm MirrorBit process
technology
SecSi™ (Secured Silicon) Sector region
— 128-word/256-byte sector for permanent, secure
identification through an 8-word/16-byte random
Electronic Serial Number, accessible through a
command sequence
— May be programmed and locked at the factory or by
the customer
Flexible sector architecture
— S29GL512N: Five hundred twelve 64 Kword (128
Kbyte) sectors
— S29GL256N: Two hundred fifty-six 64 Kword (128
Kbyte) sectors
— S29GL128N: One hundred twenty-eight 64 Kword
(128 Kbyte) sectors
Compatibility with JEDEC standards
— Provides pinout and software compatibility for single-
power supply flash, and superior inadvertent write
protection
100,000 erase cycles per sector typical
20-year data retention typical
Performance Characteristics
High performance
— 80 ns access time (S29GL128N, S29GL256N),
90 ns access time (S29GL512N)
— 8-word/16-byte page read buffer
—25 ns page read times
— 16-word/32-byte write buffer reduces overall
programming time for multiple-word updates
Low power consumption (typical values at 3.0 V, 5
MHz)
— 25 mA typical active read current;
— 50 mA typical erase/program current
— 1 µA typical standby mode current
Package options
—56-pin TSOP
— 64-ball Fortified BGA
Software & Hardware Features
Software features
— Program Suspend & Resume: read other sectors
before programming operation is completed
— Erase Suspend & Resume: read/program other
sectors before an erase operation is completed
— Data# polling & toggle bits provide status
— Unlock Bypass Program command reduces overall
multiple-word or byte programming time
— CFI (Common Flash Interface) compliant: allows host
system to identify and accommodate multiple flash
devices
Hardware features
— Advanced Sector Protection
— WP#/ACC input accelerates programming time
(when high voltage is applied) for greater throughput
during system production. Protects first or last sector
regardless of sector protection settings
— Hardware reset input (RESET#) resets device
— Ready/Busy# output (RY/BY#) detects program or
erase cycle completion


Similar Part No. - S29GL256N80FAIV20

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29GL256N CYPRESS-S29GL256N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL256N10FAI010 SPANSION-S29GL256N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL256N10FAI012 SPANSION-S29GL256N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL256N10FAI013 SPANSION-S29GL256N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL256N10FAI020 SPANSION-S29GL256N10FAI020 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Similar Description - S29GL256N80FAIV20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
   Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com