Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U634H256D1M25 Datasheet(PDF) 8 Page - Zentrum Mikroelektronik Dresden AG

Part # U634H256D1M25
Description  POWERSTORE 32K X 8 NVSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U634H256D1M25 Datasheet(HTML) 8 Page - Zentrum Mikroelektronik Dresden AG

Back Button U634H256D1M25 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U634H256D1M25 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U634H256D1M25 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U634H256D1M25 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U634H256D1M25 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U634H256D1M25 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG U634H256D1M25 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG U634H256D1M25 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG U634H256D1M25 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
April 21, 2004
U634H256
PowerStore and Automatic Power Up RECALL
Hardware Controlled STORE
DQi
Output
Previous Data Valid
HSB
ten(H)S
td(H)S
Data Valid
tdis(H)S
No.
Software Controlled STORE/RECALL
Cycle
Symbol
25
35
45
Unit
Alt.
IEC
Min.Max. Min.Max. Min.Max.
29 STORE/RECALL Initiation Time
tAVAV
tcR
25
35
45
ns
30 Chip Enable to Output Inactives
tELQZ
tdis(E)SR
600
600
600
ns
31 STORE Cycle Time
tELQXS
td(E)S
10
10
10
ms
32 RECALL Cycle Timer
tELQXR
td(E)R
20
20
20
µs
33 Address Setup to Chip Enablet
tAVELN
tsu(A)SR
000
ns
34 Chip Enable Pulse Widths, t
tELEHN
tw(E)SR
20
25
30
ns
35 Chip Disable to Address Changet
tEHAXN
th(A)SR
000
ns
tw(H)Sq (28)
(26)
(27)
(25)
High Impedance
VCAP
5.0 V
t
PowerStore
Power Up
VSWITCH
W
DQi
POWER UP
RECALL
BROWN OUT
tRESTORE
tRESTORE
BROWN OUT
PowerStore
(NO SRAM WRITES)
RECALL
(24)
(24)
NO STORE
tPDSTOREp
tDELAYp
p: tPDSTORE approximate td(E)S or td(H)S; tDELAY approximate tdis(H)S.
q: After tw(H)S HSB is hold down internal by STORE operation.
r:
An automatic RECALL also takes place at power up, starting when VCC exceeds VSWITCH and takes tRESTORE. VCC must not drop below
VSWITCH once it has been exceeded for the RECALL to function properly.
s: Once the software controlled STORE or RECALL cycle is initiated, it completes automatically, ignoring all inputs.
t:
Noise on the E pin may trigger multiple READ cycles from the same address and abort the address sequence.


Similar Part No. - U634H256D1M25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A25G1 SIMTEK-U634H256S2A25G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A35G1 SIMTEK-U634H256S2A35G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A45G1 SIMTEK-U634H256S2A45G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2C25G1 SIMTEK-U634H256S2C25G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
More results

Similar Description - U634H256D1M25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
List of Unclassifed Man...
UL634H256 ETC-UL634H256 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL635H256 ETC-UL635H256 Datasheet
211Kb / 13P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
UL634H256 SIMTEK-UL634H256 Datasheet
350Kb / 15P
   Low Voltage PowerStore 32K x 8 nvSRAM
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com