Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV32ADBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LV32ADBLE
Description  Quadruple 2-Input Positive-Or Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV32ADBLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV32ADBLE Datasheet HTML 1Page - Texas Instruments SN74LV32ADBLE Datasheet HTML 2Page - Texas Instruments SN74LV32ADBLE Datasheet HTML 3Page - Texas Instruments SN74LV32ADBLE Datasheet HTML 4Page - Texas Instruments SN74LV32ADBLE Datasheet HTML 5Page - Texas Instruments SN74LV32ADBLE Datasheet HTML 6Page - Texas Instruments SN74LV32ADBLE Datasheet HTML 7Page - Texas Instruments SN74LV32ADBLE Datasheet HTML 8Page - Texas Instruments SN74LV32ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
A
B
Y
Y + A ) B or Y + A • B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LV32A
SCLS385K – SEPTEMBER 1997 – REVISED DECEMBER 2014
SN74LV32A Quadruple 2-Input Positive-Or Gates
1 Features
2 Applications
1
2-V to 5.5-V VCC Operation
Printers
Max tpd of 6.5 ns at 5 V
E-Meters
Typical VOLP (Output Ground Bounce)
Motor Controls: Permanent Magnets
< 0.8 V at VCC = 3.3 V, TA = 25°C
Servers and High Performance Computing
Typical VOHV (Output VOH Undershoot)
Automotive Infotainment
> 2.3 V at VCC = 3.3 V, TA = 25°C
3 Description
Support Mixed-Mode Voltage Operation on
All Ports
This quadruple 2-input positive-OR gates is designed
for 2-V to 5.5-V VCC operation.
Ioff Supports Partial-Power-Down Mode Operation
Latch-Up Performance Exceeds 250 mA Per
The
SN74LV32A
device
performs
the
Boolean
JESD 17
function
in positive logic.
ESD Protection Exceeds JESD 22
Device Information(1)
2000-V Human-Body Model
PART NUMBER
PACKAGE
BODY SIZE (NOM)
200-V Machine Model
TVSOP (14)
3.60 mm x 4.40 mm
1000-V Charged-Device Model
SOIC (14)
8.65 mm × 3.91 mm
SN74LV32A
VQFN (14)
3.50 mm x 3.50 mm
SSOP (14)
6.20 mm x 5.30 mm
TSSOP (14)
5.00 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LV32ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV32ADBLE TI-SN74LV32ADBLE Datasheet
412Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32ADBLE TI-SN74LV32ADBLE Datasheet
648Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Similar Description - SN74LV32ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_10 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74AHC32 UTC-U74AHC32 Datasheet
179Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com