Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4000 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # R4000
Description  HIGH VOLTAGE RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

R4000 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  R4000 Datasheet HTML 1Page - SUNMATE electronic Co., LTD R4000 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
60
50
40
30
20
10
0
1
10
100
8.3ms Single Half Sine-Wave
(JEDEC Method)
SURGE CURRENT
Single Phase Half Wave
60Hz Inductive or
Resistive Load
FIG. 1 - TYPICAL FORWARD CURRENT
AMBIENT TEMPERATURE, (
)
DERATING CURVE
0
50
100
150 175
250
200
150
100
50
0
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
TJ = 25
0
20
40
60
80
100 120 140
10
.01
.02
.04
.06
.1
.2
.4
.6
1.0
2
4
6
2 of 2
www.sunmate.tw


Similar Part No. - R4000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R4000 RECTRON-R4000 Datasheet
19Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Leshan Radio Company
R4000 LRC-R4000 Datasheet
534Kb / 7P
   High Voltage General Purpose Plastic Rectifiers Low leakage
logo
GETAI ELECTRONICS DEVIC...
R4000 GETEDZ-R4000 Datasheet
563Kb / 2P
   High Voltage Silicon Rectifier Diode
logo
Dc Components
R4000 DCCOM-R4000 Datasheet
324Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER(4000 to 5000 Volts, 0.2 Ampere)
logo
SHENZHEN YONGERJIA INDU...
R4000 WINNERJOIN-R4000 Datasheet
152Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
More results

Similar Description - R4000

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HVR312 EIC-HVR312 Datasheet
15Kb / 2P
   HIGH VOLTAGE RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
ESJA54-06A SUNMATE-ESJA54-06A Datasheet
217Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
SHV-16 SUNMATE-SHV-16 Datasheet
339Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
ESJA08-12 SUNMATE-ESJA08-12 Datasheet
395Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL69A SUNMATE-2CL69A Datasheet
206Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL79 SUNMATE-2CL79 Datasheet
213Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL75 SUNMATE-2CL75 Datasheet
198Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL76 SUNMATE-2CL76 Datasheet
205Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
ESJA09-10 SUNMATE-ESJA09-10 Datasheet
388Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
ESJA59-12A SUNMATE-ESJA59-12A Datasheet
214Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com