Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV32ARGYR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV32ARGYR
Description  Quadruple 2-Input Positive-Or Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV32ARGYR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV32ARGYR Datasheet HTML 1Page - Texas Instruments SN74LV32ARGYR Datasheet HTML 2Page - Texas Instruments SN74LV32ARGYR Datasheet HTML 3Page - Texas Instruments SN74LV32ARGYR Datasheet HTML 4Page - Texas Instruments SN74LV32ARGYR Datasheet HTML 5Page - Texas Instruments SN74LV32ARGYR Datasheet HTML 6Page - Texas Instruments SN74LV32ARGYR Datasheet HTML 7Page - Texas Instruments SN74LV32ARGYR Datasheet HTML 8Page - Texas Instruments SN74LV32ARGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
SN74LV32A
www.ti.com
SCLS385K – SEPTEMBER 1997 – REVISED DECEMBER 2014
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
V
VCC = 2 V
1.5
VCC = 2.3 to 2.7 V
VCC × 0.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
VCC × 0.7
VCC = 4.5 V to 5.5 V
VCC × 0.7
VCC = 2 V
0.5
VCC = 2.3 to 2.7 V
VCC × 0.3
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
VCC × 0.3
VCC = 4.5 V to 5.5 V
VCC × 0.3
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 2 V
–50
µA
VCC = 2.3 to 2.7 V
–2
IOH
High-level output current
VCC = 3 V to 3.6 V
–6
mA
VCC = 4.5 V to 5.5 V
–12
VCC = 2 V
50
µA
VCC = 2.3 to 2.7 V
2
IOL
Low-level output current
VCC = 3 V to 3.6 V
6
mA
VCC = 4.5 V to 5.5 V
12
VCC = 2.3 to 2.7 V
200
∆t/∆v
Input transition rise or fall rate
VCC = 3 V to 3.6 V
100
ns/V
VCC = 4.5 V to 5.5 V
20
TA
Operating free-air temperature
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs (SCBA004).
7.4 Thermal Information
SN74LV32A
THERMAL METRIC(1)
D
DBV
DVG
NS
PW
RGY
UNIT
14 PINS
RθJA
Junction-to-ambient thermal resistance
90.6
107.1
129.0
90.7
122.6
57.5
RθJC(top)
Junction-to-case (top) thermal resistance
50.9
59.6
52.1
48.3
51.4
70.8
RθJB
Junction-to-board thermal resistance
44.8
54.4
62.0
49.4
64.4
33.6
Junction-to-top characterization
ψJT
14.7
20.5
6.5
14.6
6.7
3.4
°C/W
parameter
Junction-to-board characterization
ψJB
44.5
53.8
61.3
49.1
63.8
33.7
parameter
Junction-to-case (bottom) thermal
RθJC(bot)
13.9
resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
Copyright © 1997–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LV32A


Similar Part No. - SN74LV32ARGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV32ARGYR TI-SN74LV32ARGYR Datasheet
412Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32ARGYR TI-SN74LV32ARGYR Datasheet
648Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32ARGYRG4 TI-SN74LV32ARGYRG4 Datasheet
648Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Similar Description - SN74LV32ARGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_10 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74AHC32 UTC-U74AHC32 Datasheet
179Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com