Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLC1049-231ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # SLC1049-231ML
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SLC1049-231ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  SLC1049-231ML Datasheet HTML 1Page - Coilcraft lnc. SLC1049-231ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shielded Power Inductors – SLC1049
Document 498-1
Document 498-1 Revised 09/15/15
1. When ordering, please specify
termination and packaging codes:
SLC1049-151MLC
Termination: L = RoHS compliant matte tin over nickel over copper.
Special order: T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (250 per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (1000 per full reel). Factory order only, not
stocked.
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4263B
LCR meter or equivalent.
3. DCR is measured on a micro-ohmmeter at points indicated in the
dimensional diagram.
4. SRF measured with coils connected in series using an Agilent/HP
8753ES network analyzer or equivalent.
5. DC current at 25°C that causes a 20% (typ) inductance drop from its
value without current. Click for temperature derating information.
6. Current that causes a 40°C temperature rise from 25°C ambient. This
information is for reference only and does not represent absolute
maximum ratings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
L
DCR
SRF
±20%2
(mOhms)3
typ4 Isat5 Irms6
Part number1
(µH)
typ
max
(MHz) (A)
(A)
SLC1049-750ML_ 0.075 0.230
0.246
200
61.0 43.0
SLC1049-101ML_ 0.100 0.230
0.246
145
50.0 43.0
SLC1049-121ML_ 0.125 0.230
0.246
140
37.0 43.0
SLC1049-151ML_ 0.150 0.230
0.246
133
30.0 43.0
SLC1049-231ML_ 0.230 0.230
0.246
70
25.5 43.0
Recommended
Land Pattern
0.401
10,20
max
0.203
5,16
0.118
3,00
0.148
3,76
0.130
3,30
0.311
7,90
max
0.100
2,54
min
0.271
6,88
max
Dash number
Internal code
Points used for measuring DCR
Dimensions are in
inches
mm
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant matte tin over nickel over copper.
Other terminations available at additional cost.
Weight 1.25 – 1.30 g
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 250/7
″ reel; 1000/13″ reel Plastic tape: 24 mm wide,
0.35 mm thick, 12 mm pocket spacing, 5.08 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Designed foruse in multi-phase VRM/VRD regulators and high
current/high frequency DC/DC converters.
• Requires only 70 mm2 of board space; can handle up to 61A.


Similar Part No. - SLC1049-231ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SLC1049-231ML_ COILCRAFT-SLC1049-231ML_ Datasheet
400Kb / 2P
   Shielded Power Inductors
More results

Similar Description - SLC1049-231ML

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com