Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLC7649S-500KL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # SLC7649S-500KL
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SLC7649S-500KL Datasheet(HTML) 1 Page - Coilcraft lnc.

  SLC7649S-500KL Datasheet HTML 1Page - Coilcraft lnc. SLC7649S-500KL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors – SLC7649
Document 481-1
Document 481-1 Revised 09/15/15
1. When ordering, please specify
termination and packaging code:
SLC7649S-101KLC
Termination: L = RoHS compliant matte tin over nickel over copper
Special order: T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (250 per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (1000 per full reel). Factory order only, not
stocked.
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4263B
LCR meter or equivalent.
3. DCR is measured between the two points indicated on the dimen-
sional drawing.
4. SRF measured using an Agilent/HP 8753ES network analyzer or
equivalent.
5. DC current at 25°C that causes a 20% (typ) inductance drop from its
value without current. Click for temperature derating information.
6. Current that causes a 40°C temperature rise from 25°C ambient. This
information is for reference only and does not represent absolute
maximum ratings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
L
DCR
SRF
±10%2
±5%3
typ4
Isat5
Irms6
Part number1
(nH)
(mOhms) (MHz)
(A)
(A)
SLC7649S-360KL_
36
0.17
1150
100
39
SLC7649S-500KL_
50
0.17
900
84
39
SLC7649S-700KL_
70
0.17
750
65
39
SLC7649S-101KL_
100
0.17
110
42
39
SLC7649S-121KL_
120
0.17
78
33
39
SLC7649S-151KL_
150
0.17
67
27
39
Recommended
Land Pattern
0.300
7,62
max
0.195
4,96
max
0.085
2,16
0.295
7,49
max
Dash
number
Internal
code
XXX
X
0.225
5,72
0.135
3,43
0.100
2,54
0.105
2,67
Points used for measuring DCR
Dimensions are in
inches
mm
Designer’s Kit C467 contains 3 each of select values.
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant matte tin over nickel over copper.
Other terminations available at additional cost.
Weight 0.9 g
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 250/7
″reel; 1000/13″ reel Plastic tape: 16 mm wide,
0.35 mm thick, 12 mm pocket spacing, 5 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Designed for use in multi-phaseVRM/VRD regulators and high
current/high frequency DC/DC converters.
• Requires only 60 mm2 of board space; can handle up to 100A


Similar Part No. - SLC7649S-500KL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SLC7649S-500KL COILCRAFT-SLC7649S-500KL Datasheet
214Kb / 2P
   SMT Power Inductors
SLC7649S-500KL_ COILCRAFT-SLC7649S-500KL_ Datasheet
404Kb / 2P
   Shielded Power Inductors
More results

Similar Description - SLC7649S-500KL

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com