Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4393 Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # 2N4393
Description  SINGLE N-CHANNEL JFET SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

2N4393 Datasheet(HTML) 3 Page - Linear Integrated Systems

  2N4393 Datasheet HTML 1Page - Linear Integrated Systems 2N4393 Datasheet HTML 2Page - Linear Integrated Systems 2N4393 Datasheet HTML 3Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SWITCHING CIRCUIT CHARACTERISTICS
SYM.
4391
4392
4393
VGS(L)
-12V
-7V
-5V
RL
800Ω
1600Ω
3200Ω
ID(on)
12mA
6mA
3mA
51
1k
51
V
GS(L)
OUT
SWITCHING TEST CIRCUIT
R
L
V
DD
V
GS(H)
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
1
2
3
SOT-23
DIMENSIONS IN
MILLIMETERS
0.89
1.03
1.78
2.05
1.20
1.40
2.10
2.64
0.37
0.51
2.80
3.04
0.89
1.12
0.013
0.100
0.085
0.180
0.55
12
3
LS XXX
YYWW
0.170
0.195
0.500
0.610
0.016
0.022
0.095
0.105
0.045
0.055
0.175
0.195
0.130
0.155
0.045
0.060
0.014
0.020
TO-92
DIMENSIONS
IN INCHES.
TO-18
Three Lead
0.230
0.209
DIA.
DIA.
0.195
0.175
0.030
MAX.
0.500 MIN.
0.150
0.115
0.019
0.016
DIA.
3 LEADS
2
1
3
0.046
0.036
45°
0.048
0.028
0.100
0.050
NOTES
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
2.
Pulse test: PW ≤ 300µs, Duty Cycle ≤ 3%
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its
use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implicatio
otherwise under any patent or patent rights of Linear Integrated Systems.
n or


Similar Part No. - 2N4393

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4393 CALOGIC-2N4393 Datasheet
29Kb / 2P
   N-Channel JFET Switch
logo
Central Semiconductor C...
2N4393 CENTRAL-2N4393 Datasheet
536Kb / 2P
   N-CHANNEL SILICON JFET
logo
List of Unclassifed Man...
2N4393 ETC1-2N4393 Datasheet
43Kb / 1P
   N-Channel JFETs
logo
Calogic, LLC
2N4393 CALOGIC-2N4393 Datasheet
35Kb / 2P
   N-Channel JFET Switch
logo
Vishay Siliconix
2N4393 VISHAY-2N4393 Datasheet
82Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jan-01
More results

Similar Description - 2N4393

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS4392_SOT-23 MICROSS-LS4392_SOT-23 Datasheet
294Kb / 1P
   Single N-Channel JFET switch
LS4392_TO-18 MICROSS-LS4392_TO-18 Datasheet
299Kb / 1P
   Single N-Channel JFET switch
SST4391_SOT-23 MICROSS-SST4391_SOT-23 Datasheet
295Kb / 1P
   Single N-Channel JFET switch
logo
Linear Integrated Syste...
J-SST111 LINEAR-J-SST111 Datasheet
227Kb / 2P
   SINGLE N-CHANNEL JFET SWITCH
logo
Micross Components
LS4391_TO-92 MICROSS-LS4391_TO-92 Datasheet
296Kb / 1P
   Single N-Channel JFET switch
SST4393_SOT-23 MICROSS-SST4393_SOT-23 Datasheet
294Kb / 1P
   Single N-Channel JFET switch
PN4392_TO-92 MICROSS-PN4392_TO-92 Datasheet
295Kb / 1P
   Single N-Channel JFET switch
PN4393_TO-92 MICROSS-PN4393_TO-92 Datasheet
295Kb / 1P
   Single N-Channel JFET switch
LS4391_SOT-23 MICROSS-LS4391_SOT-23 Datasheet
294Kb / 1P
   Single N-Channel JFET switch
LS4393_TO-18 MICROSS-LS4393_TO-18 Datasheet
299Kb / 1P
   Single N-Channel JFET switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com