Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6702QML Datasheet(PDF) 5 Page - Texas Instruments

Part # LMH6702QML
Description  1.7 GHz, Ultra Low Distortion, Wideband Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6702QML Datasheet(HTML) 5 Page - Texas Instruments

  LMH6702QML Datasheet HTML 1Page - Texas Instruments LMH6702QML Datasheet HTML 2Page - Texas Instruments LMH6702QML Datasheet HTML 3Page - Texas Instruments LMH6702QML Datasheet HTML 4Page - Texas Instruments LMH6702QML Datasheet HTML 5Page - Texas Instruments LMH6702QML Datasheet HTML 6Page - Texas Instruments LMH6702QML Datasheet HTML 7Page - Texas Instruments LMH6702QML Datasheet HTML 8Page - Texas Instruments LMH6702QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
0
2
4
6
8
10
14
TIME (ns)
-1.5
-1
-0.5
0
0.5
1
1.5
VO = 2VPP
RL = 100:
12
AV = -2
AV = +2
0
100M
200M
300M
400M
500M
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (Hz)
AV = +4
VO = 2VPP
RF = 237:
GAIN
PHASE
50:
1k:
100:
-250
-200
-150
-100
-50
0
50
100
150
50:
0
200M
400M
600M
800M
1G
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (Hz)
AV = +2
VO = 2VPP
RF = 237:
GAIN
PHASE
1k:
100:
100:
-250
-200
-150
-100
-50
0
50
100
150
50:
1k:
50:
10M
100M
1G
10G
FREQUENCY (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VOUT = 0.5 VPP
AV = 2
RF = 232:
-270
-216
-162
-108
-54
0
1M
10M
100M
1G
FREQUENCY (Hz)
-7
-6
-5
-4
-3
-2
-1
0
1
VO = 2VPP
RL = 100:
RF = 237:
AV = +1
AV = +2
AV = +10
AV = +4
GAIN
PHASE
AV = +2
AV = +4
AV = +1
-250
-200
-150
-100
-50
0
50
100
150
1M
10M
100M
1G
FREQUENCY (Hz)
-7
-6
-5
-4
-3
-2
-1
0
1
-430
-380
-330
-280
-230
-180
-130
-80
-30
AV = -1
AV = -10
AV = -4
AV = -2
VOUT = 2VPP
RF = 237:
RL = 100:
PHASE
GAIN
LMH6702QML
www.ti.com
SNOSAQ2E – JULY 2005 – REVISED MARCH 2013
Typical Performance Characteristics
(TA = 25°C, VS = ±5V, RL = 100Ω, RF = 237Ω; Unless Specified).
Non-Inverting Frequency Response
Inverting Frequency Response
Figure 4.
Figure 5.
Small Signal Bandwidth
Frequency Response for Various RL’s, AV = +2
Figure 6.
Figure 7.
Frequency Response for Various RL’s, AV = +4
Step Response, 2VPP
Figure 8.
Figure 9.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6702QML


Similar Part No. - LMH6702QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI-LMH6702QML Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_17 Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
More results

Similar Description - LMH6702QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_17 Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702-MIL TI1-LMH6702-MIL Datasheet
692Kb / 19P
[Old version datasheet]   1.7-GHz Ultra-Low Distortion Wideband Op Amp
5962F0254601VZA TI-5962F0254601VZA Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702 TI1-LMH6702 Datasheet
1Mb / 25P
[Old version datasheet]   LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
   Ultra Low Distortion, Wideband Op Amp
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com