Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6715JFQMLV Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6715JFQMLV
Description  Dual Wideband Video Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6715JFQMLV Datasheet(HTML) 5 Page - Texas Instruments

  LMH6715JFQMLV Datasheet HTML 1Page - Texas Instruments LMH6715JFQMLV Datasheet HTML 2Page - Texas Instruments LMH6715JFQMLV Datasheet HTML 3Page - Texas Instruments LMH6715JFQMLV Datasheet HTML 4Page - Texas Instruments LMH6715JFQMLV Datasheet HTML 5Page - Texas Instruments LMH6715JFQMLV Datasheet HTML 6Page - Texas Instruments LMH6715JFQMLV Datasheet HTML 7Page - Texas Instruments LMH6715JFQMLV Datasheet HTML 8Page - Texas Instruments LMH6715JFQMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
1
10
100
1k
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
-180
-135
-90
-45
0
RL = 525:
RL = 100:
RL = 50:
GAIN
PHASE
VO = .5VPP
RF = 500:
AV = 2
FREQUENCY (MHz)
1
10
100
1k
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
-225
-180
-135
-90
-45
0
RF = 200:
GAIN
PHASE
VO = .5VPP
AV = 2
RF = 700:
RF = 500:
RF = 300:
FREQUENCY (MHz)
1
10
100
1k
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
-225
-180
-135
-90
-45
0
VO = .5VPP
GAIN
PHASE
RF = 300:
AV = 2V/V
VO = 1VPP
VO = 2VPP
VO = 4VPP
1
10
100
1k
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
GAIN
PHASE
VO = .5VPP
RF = 500:
CHANNEL A
CHANNEL B
PHASE A
PHASE B
-225
-180
-135
-90
-45
0
FREQUENCY (MHz)
1
10
100
1k
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
-225
-180
-135
-90
-45
0
AV = 1
RF = 1k:
AV = 2
RF = 500:
AV = 4
RF = 150:
GAIN
PHASE
VO = .5VPP
AV = 8
RF = 350:
FREQUENCY (MHz)
1
10
100
1k
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
-225
-180
-135
-90
-45
0
AV = -1
AV = -2
AV = -5
GAIN
PHASE
VO = .5VPP
RF = 250:
LMH6715QML
www.ti.com
SNOSAQ3B – NOVEMBER 2010 – REVISED MAY 2013
Typical Performance Characteristics
(TA = 25°C, VCC = ±5V, AV = ±2V/V, RF = 500Ω, RL = 100Ω, unless otherwise specified).
Non-Inverting Frequency Response
Inverting Frequency Response
Figure 4.
Figure 5.
Non-Inverting Frequency Response
vs.
VOUT
Small Signal Channel Matching
Figure 6.
Figure 7.
Frequency Response
Non-Inverting Frequency Response
vs.
vs.
Load Resistance
RF
Figure 8.
Figure 9.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6715QML


Similar Part No. - LMH6715JFQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6715JFQMLV TI1-LMH6715JFQMLV Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
More results

Similar Description - LMH6715JFQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828 AD-AD828_02 Datasheet
448Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828 AD-AD828_15 Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828ARZ AD-AD828ARZ Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com