Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK03000D Datasheet(PDF) 11 Page - Texas Instruments

Part # LMK03000D
Description  Precision Clock Conditioner
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03000D Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMK03000D Datasheet HTML 7Page - Texas Instruments LMK03000D Datasheet HTML 8Page - Texas Instruments LMK03000D Datasheet HTML 9Page - Texas Instruments LMK03000D Datasheet HTML 10Page - Texas Instruments LMK03000D Datasheet HTML 11Page - Texas Instruments LMK03000D Datasheet HTML 12Page - Texas Instruments LMK03000D Datasheet HTML 13Page - Texas Instruments LMK03000D Datasheet HTML 14Page - Texas Instruments LMK03000D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
tCES
tCS
D27
D26
D25
D24
tCH
tCWH
tCWL
D23
D0
A3
A2
A1
A0
MSB
LSB
DATAuWire
CLKuWire
LEuWire
tES
tEWH
LMK03000, LMK03000C, LMK03000D, LMK03001
LMK03001C, LMK03001D, LMK03033, LMK03033C
www.ti.com
SNAS381O – NOVEMBER 2006 – REVISED MARCH 2013
Electrical Characteristics (1) (continued)
(3.15 V
≤ Vcc ≤ 3.45 V, -40 °C ≤ TA ≤ 85 °C, Differential Inputs/Outputs; Vboost=0; except as specified. Typical values
represent most likely parametric norms at Vcc = 3.3 V, TA = 25 °C, and at the Recommended Operation Conditions at the
time of product characterization and are not ensured).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Digital MICROWIRE Interfaces (1)
VIH
High-Level Input Voltage
1.6
Vcc
V
VIL
Low-Level Input Voltage
0.4
V
IIH
High-Level Input Current
VIH = Vcc
-5.0
5.0
µA
IIL
Low-Level Input Current
VIL = 0
-5.0
5.0
µA
MICROWIRE Timing
tCS
Data to Clock Set Up Time
See Data Input Timing
25
ns
tCH
Data to Clock Hold Time
See Data Input Timing
8
ns
tCWH
Clock Pulse Width High
See Data Input Timing
25
ns
tCWL
Clock Pulse Width Low
See Data Input Timing
25
ns
tES
Clock to Enable Set Up Time
See Data Input Timing
25
ns
tCES
Enable to Clock Set Up Time
See Data Input Timing
25
ns
tEWH
Enable Pulse Width High
See Data Input Timing
25
ns
(1)
Applies to CLKuWire, DATAuWire, and LEuWire.
3.5
Serial Data Timing Diagram
Data bits set on the DATAuWire signal are clocked into a shift register, MSB first, on each rising edge of
the CLKuWire signal. On the rising edge of the LEuWire signal, the data is sent from the shift register to
the addressed register determined by the LSB bits. After the programming is complete the CLKuWire,
DATAuWire, and LEuWire signals should be returned to a low state. It is recommended that the slew rate
of CLKuWire, DATAuWire, and LEuWire should be at least 30 V/µs.
Copyright © 2006–2013, Texas Instruments Incorporated
Electrical Specifications
11
Submit Documentation Feedback
Product Folder Links: LMK03000 LMK03000C LMK03000D LMK03001 LMK03001C LMK03001D LMK03033
LMK03033C


Similar Part No. - LMK03000D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK03000D NSC-LMK03000D Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000DISQ NSC-LMK03000DISQ Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000DISQ NSC-LMK03000DISQ Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000DISQE NSC-LMK03000DISQE Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000DISQE NSC-LMK03000DISQE Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
More results

Similar Description - LMK03000D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03002 TI1-LMK03002 Datasheet
934Kb / 39P
[Old version datasheet]   Precision Clock Conditioner
LMK02000 TI1-LMK02000 Datasheet
814Kb / 24P
[Old version datasheet]   Precision Clock Conditioner
LMK02002 TI1-LMK02002 Datasheet
813Kb / 22P
[Old version datasheet]   Precision Clock Conditioner
logo
National Semiconductor ...
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03200 TI1-LMK03200 Datasheet
1Mb / 53P
[Old version datasheet]   Family Precision 0-Delay Clock Conditioner
logo
National Semiconductor ...
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
   Precision Clock Conditioner with Integrated PLL
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
   Precision Clock Conditioner with Integrated PLL
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03002C NSC-LMK03002C_14 Datasheet
2Mb / 28P
   Precision Clock Conditioner with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com