Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK03001D Datasheet(PDF) 7 Page - Texas Instruments

Part # LMK03001D
Description  Precision Clock Conditioner
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03001D Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMK03001D Datasheet HTML 3Page - Texas Instruments LMK03001D Datasheet HTML 4Page - Texas Instruments LMK03001D Datasheet HTML 5Page - Texas Instruments LMK03001D Datasheet HTML 6Page - Texas Instruments LMK03001D Datasheet HTML 7Page - Texas Instruments LMK03001D Datasheet HTML 8Page - Texas Instruments LMK03001D Datasheet HTML 9Page - Texas Instruments LMK03001D Datasheet HTML 10Page - Texas Instruments LMK03001D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
LMK03000, LMK03000C, LMK03000D, LMK03001
LMK03001C, LMK03001D, LMK03033, LMK03033C
www.ti.com
SNAS381O – NOVEMBER 2006 – REVISED MARCH 2013
3.4
Electrical Characteristics
(1)
(3.15 V
≤ Vcc ≤ 3.45 V, -40 °C ≤ TA ≤ 85 °C, Differential Inputs/Outputs; Vboost=0; except as specified. Typical values
represent most likely parametric norms at Vcc = 3.3 V, TA = 25 °C, and at the Recommended Operation Conditions at the
time of product characterization and are not ensured).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Current Consumption
Entire device; one LVDS and one
LVPECL clock enabled; no divide; no
161.8
delay.
ICC
Power Supply Current (2)
mA
Entire device; All Outputs Off (no
86
emitter resistors placed)
ICCPD
Power Down Current
POWERDOWN = 1
1
mA
Reference Oscillator
Reference Oscillator Input Frequency
fOSCinsquare
1
200
MHz
Range for Square Wave
AC coupled; Differential (VOD)
Square Wave Input Voltage for OSCin
VOSCinsquare
0.2
1.6
Vpp
and OSCin*
PLL
fPD
Phase Detector Frequency
40
MHz
VCPout = Vcc/2, PLL_CP_GAIN = 1x
100
VCPout = Vcc/2, PLL_CP_GAIN = 4x
400
ISRCECPout
Charge Pump Source Current
µA
VCPout = Vcc/2, PLL_CP_GAIN = 16x
1600
VCPout = Vcc/2, PLL_CP_GAIN = 32x
3200
VCPout = Vcc/2, PLL_CP_GAIN = 1x
-100
VCPout = Vcc/2, PLL_CP_GAIN = 4x
-400
ISINKCPout
Charge Pump Sink Current
µA
VCPout = Vcc/2, PLL_CP_GAIN = 16x
-1600
VCPout = Vcc/2, PLL_CP_GAIN = 32x
-3200
ICPoutTRI
Charge Pump TRI-STATE Current
0.5 V < VCPout < Vcc - 0.5 V
2
10
nA
Magnitude of Charge Pump
VCPout = Vcc / 2
ICPout%MIS
3
%
Sink vs. Source Current Mismatch
TA = 25°C
Magnitude of Charge Pump
0.5 V < VCPout < Vcc - 0.5 V
ICPoutVTUNE
Current vs. Charge Pump Voltage
4
%
TA = 25°C
Variation
Magnitude of Charge Pump Current vs.
ICPoutTEMP
4
%
Temperature Variation
PLL_CP_GAIN = 1x
-117
PLL 1/f Noise at 10 kHz Offset (3)
PN10kHz
dBc/Hz
Normalized to 1 GHz Output Frequency
PLL_CP_GAIN = 32x
-122
PLL_CP_GAIN = 1x
-219
Normalized Phase Noise Contribution
PN1Hz
dBc/Hz
(4)
PLL_CP_GAIN = 32x
-224
(1)
The Electrical Characteristics table lists ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
See Section 8.5 for more current consumption / power dissipation calculation information.
(3)
A specification in modeling PLL in-band phase noise is the 1/f flicker noise, LPLL_flicker(f), which is dominant close to the carrier. Flicker
noise has a 10 dB/decade slope. PN10kHz is normalized to a 10 kHz offset and a 1 GHz carrier frequency. PN10kHz = LPLL_flicker(10
kHz) - 20log(Fout / 1 GHz), where LPLL_flicker(f) is the single side band phase noise of only the flicker noise's contribution to total noise,
L(f). To measure LPLL_flicker(f) it is important to be on the 10 dB/decade slope close to the carrier. A high compare frequency and a clean
crystal are important to isolating this noise source from the total phase noise, L(f). LPLL_flicker(f) can be masked by the reference
oscillator performance if a low power or noisy source is used. The total PLL inband phase noise performance is the sum of LPLL_flicker(f)
and LPLL_flat(f).
(4)
A specification in modeling PLL in-band phase noise is the Normalized Phase Noise Contribution, LPLL_flat(f), of the PLL and is defined
as PN1Hz = LPLL_flat(f) – 20log(N) – 10log(fCOMP). LPLL_flat(f) is the single side band phase noise measured at an offset frequency, f, in a
1 Hz Bandwidth and fCOMP is the phase detector frequency of the synthesizer. LPLL_flat(f) contributes to the total noise, L(f). To measure
LPLL_flat(f) the offset frequency, f, must be chosen sufficiently smaller then the loop bandwidth of the PLL, and yet large enough to avoid
a substantial noise contribution from the reference and flicker noise. LPLL_flat(f) can be masked by the reference oscillator performance if
a low power or noisy source is used.
Copyright © 2006–2013, Texas Instruments Incorporated
Electrical Specifications
7
Submit Documentation Feedback
Product Folder Links: LMK03000 LMK03000C LMK03000D LMK03001 LMK03001C LMK03001D LMK03033
LMK03033C


Similar Part No. - LMK03001D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK03001D NSC-LMK03001D Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03001DISQ NSC-LMK03001DISQ Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03001DISQ NSC-LMK03001DISQ Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03001DISQE NSC-LMK03001DISQE Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03001DISQE NSC-LMK03001DISQE Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
More results

Similar Description - LMK03001D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03002 TI1-LMK03002 Datasheet
934Kb / 39P
[Old version datasheet]   Precision Clock Conditioner
LMK02000 TI1-LMK02000 Datasheet
814Kb / 24P
[Old version datasheet]   Precision Clock Conditioner
LMK02002 TI1-LMK02002 Datasheet
813Kb / 22P
[Old version datasheet]   Precision Clock Conditioner
logo
National Semiconductor ...
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03200 TI1-LMK03200 Datasheet
1Mb / 53P
[Old version datasheet]   Family Precision 0-Delay Clock Conditioner
logo
National Semiconductor ...
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
   Precision Clock Conditioner with Integrated PLL
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
   Precision Clock Conditioner with Integrated PLL
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03002C NSC-LMK03002C_14 Datasheet
2Mb / 28P
   Precision Clock Conditioner with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com