Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2232 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2232
Description  Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2232 Datasheet(HTML) 5 Page - Texas Instruments

  LMP2232 Datasheet HTML 1Page - Texas Instruments LMP2232 Datasheet HTML 2Page - Texas Instruments LMP2232 Datasheet HTML 3Page - Texas Instruments LMP2232 Datasheet HTML 4Page - Texas Instruments LMP2232 Datasheet HTML 5Page - Texas Instruments LMP2232 Datasheet HTML 6Page - Texas Instruments LMP2232 Datasheet HTML 7Page - Texas Instruments LMP2232 Datasheet HTML 8Page - Texas Instruments LMP2232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LMP2232
www.ti.com
SNOSB02C – JANUARY 2008 – REVISED MARCH 2013
3.3V DC Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits ensured for T A = 25°C, V
+ = 3.3V, V= 0V, V
CM = VO = V
+/2, and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
IO
Output Current (4)
Sourcing, VO to V
11
14
VIN(diff) = 100 mV
8
mA
Sinking, VO to V
+
8
11
VIN(diff) = −100 mV
5
25
IS
Supply Current
17
μA
26
(4)
The short circuit test is a momentary open loop test.
3.3V AC Electrical Characteristics
(1)
Unless otherwise is specified, all limits ensured for TA = 25°C, V
+ = 3.3V, V= 0V, V
CM = VO = V
+/2, and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
GBW
Gain-Bandwidth Product
CL = 20 pF, RL = 10 kΩ
128
kHz
SR
Slew Rate
AV = +1, CL = 20 pF
Falling Edge
58
V/ms
RL = 10 kΩ
Rising Edge
48
θ m
Phase Margin
CL = 20 pF, RL = 10 kΩ
66
deg
Gm
Gain Margin
CL = 20 pF, RL = 10 kΩ
26
dB
en
Input-Referred Voltage Noise Density
f = 1 kHz
60
nV/
√Hz
Input-Referred Voltage Noise
0.1 Hz to 10 Hz
2.4
μVPP
in
Input-Referred Current Noise
f = 1 kHz
10
fA/
√Hz
THD+N
Total Harmonic Distortion + Noise
f = 100 Hz, RL = 10 kΩ
0.003
%
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond which the
device may be permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
2.5V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TA = 25°C, V
+ = 2.5V, V= 0V, V
CM = VO = V
+/2, and R
L > 1MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
VOS
Input Offset Voltage
±10
±190
μV
±275
TCVOS
Input Offset Voltage Drift
LMP2232A
±0.3
±0.5
μV/°C
LMP2232B
±0.3
±2.5
IBias
Input Bias Current
0.02
±3
pA
±125
IOS
Input Offset Current
5
fA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.5V
77
91
dB
76
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond which the
device may be permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP2232


Similar Part No. - LMP2232

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2232 NSC-LMP2232 Datasheet
802Kb / 20P
   Micropower, 1.8V, Precision, Operational Amplifier with CMOS Input
LMP2232 NSC-LMP2232 Datasheet
803Kb / 20P
   Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
Texas Instruments
LMP2232 TI-LMP2232 Datasheet
1Mb / 30P
[Old version datasheet]   Operating Voltage Range 1.6V to 5.5V, Input Bias Current 20 fA
logo
National Semiconductor ...
LMP2232AMA NSC-LMP2232AMA Datasheet
802Kb / 20P
   Micropower, 1.8V, Precision, Operational Amplifier with CMOS Input
LMP2232AMA NSC-LMP2232AMA Datasheet
803Kb / 20P
   Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
More results

Similar Description - LMP2232

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2234_0812 NSC-LMP2234_0812 Datasheet
856Kb / 20P
   Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2232_0812 NSC-LMP2232_0812 Datasheet
803Kb / 20P
   Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
Texas Instruments
LMP2234 TI-LMP2234_13 Datasheet
1Mb / 31P
[Old version datasheet]   LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
National Semiconductor ...
LMP2231_0812 NSC-LMP2231_0812 Datasheet
802Kb / 20P
   Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
logo
Texas Instruments
LMP2231 TI-LMP2231_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
[Old version datasheet]   Quad Micropower, 1.6V, Precision, Operational Amplifier
logo
National Semiconductor ...
LMP2232 NSC-LMP2232 Datasheet
802Kb / 20P
   Micropower, 1.8V, Precision, Operational Amplifier with CMOS Input
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062IMNOPB TI1-LMC6062IMNOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com