Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7707 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7707
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7707 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP7707 Datasheet HTML 2Page - Texas Instruments LMP7707 Datasheet HTML 3Page - Texas Instruments LMP7707 Datasheet HTML 4Page - Texas Instruments LMP7707 Datasheet HTML 5Page - Texas Instruments LMP7707 Datasheet HTML 6Page - Texas Instruments LMP7707 Datasheet HTML 7Page - Texas Instruments LMP7707 Datasheet HTML 8Page - Texas Instruments LMP7707 Datasheet HTML 9Page - Texas Instruments LMP7707 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
LMP7707, LMP7708, LMP7709
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
www.ti.com
±5V Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5V, V= −5V, V
CM = 0V, and RL > 10 kΩ to 0V.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
VOS
±37
±200
LMP7707
±500
Input Offset Voltage
μV
±37
±220
LMP7708/LMP7709
±520
TCVOS
Input Offset Voltage Drift(4)
±1
±5
μV/°C
IB
±0.2
1
Input Bias Current(4)(5)
−40°C ≤ TA ≤ 85°C
±50
pA
−40°C ≤ TA ≤ 125°C
±400
IOS
Input Offset Current
40
fA
CMRR
−5V ≤ VCM ≤ 5V
92
138
LMP7707
88
Common Mode Rejection Ratio
dB
−5V ≤ VCM ≤ 5V
90
138
LMP7708/LMP7709
86
PSRR
2.7V
≤ V+ ≤ 12V, V= 0V, VO = V
+/2
86
98
Power Supply Rejection Ratio
dB
82
CMVR
CMRR
≥ 80 dB
−5.2
5.2
Input Common-Mode Voltage Range
V
CMRR
≥ 78 dB
−5.2
5.2
AVOL
RL = 2 kΩ (LMP7707)
100
121
VO = −4.7V to 4.7V
98
RL = 2 kΩ (LMP7708/LMP7709)
100
121
VO = −4.7V to 4.7V
94
Open Loop Voltage Gain
dB
RL = 10 kΩ (LMP7707)
100
134
VO = −4.8V to 4.8V
98
RL = 10 kΩ (LMP7708/LMP7709)
100
134
VO = −4.8V to 4.8V
97
VO
RL = 2 kΩ to 0V
90
150
LMP7707
170
RL = 2 kΩ to 0V
90
180
LMP7708/LMP7709
290
mV
Output Swing High
from V+
RL = 10 kΩ to 0V
40
80
LMP7707
100
RL = 10 kΩ to 0V
40
80
LMP7708/LMP7709
150
RL = 2 kΩ to 0V
90
130
LMP7707
150
RL = 2 kΩ to 0V
90
180
LMP7708/LMP7709
290
mV
Output Swing Low
from V
RL = 10 kΩ to 0V
40
50
LMP7707
60
RL = 10 kΩ to 0V
40
60
LMP7708/LMP7709
110
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using the
Statistical Quality Control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
This parameter is specified by design and/or characterization and is not tested in production.
(5)
Positive current corresponds to current flowing into the device.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7707 LMP7708 LMP7709


Similar Part No. - LMP7707

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMP7707MF NSC-LMP7707MF Datasheet
1Mb / 24P
   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMP7707MFX NSC-LMP7707MFX Datasheet
1Mb / 24P
   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
logo
Texas Instruments
LMP7707 TI-LMP7707_15 Datasheet
1Mb / 40P
[Old version datasheet]   LMP7707/LMP7708/LMP7709 Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
More results

Similar Description - LMP7707

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
logo
Texas Instruments
LMP7707 TI-LMP7707_15 Datasheet
1Mb / 40P
[Old version datasheet]   LMP7707/LMP7708/LMP7709 Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
82592 TI-82592 Datasheet
1Mb / 24P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
Texas Instruments
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
National Semiconductor ...
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV841_0710 NSC-LMV841_0710 Datasheet
1Mb / 20P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Texas Instruments
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
[Old version datasheet]   LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7701 NSC-LMP7701 Datasheet
485Kb / 6P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com