Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8601 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601
Description  Current-Sensing Amplifiers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP8601 Datasheet HTML 2Page - Texas Instruments LMP8601 Datasheet HTML 3Page - Texas Instruments LMP8601 Datasheet HTML 4Page - Texas Instruments LMP8601 Datasheet HTML 5Page - Texas Instruments LMP8601 Datasheet HTML 6Page - Texas Instruments LMP8601 Datasheet HTML 7Page - Texas Instruments LMP8601 Datasheet HTML 8Page - Texas Instruments LMP8601 Datasheet HTML 9Page - Texas Instruments LMP8601 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Electrical Characteristics: VS = 3.3 V (continued)
at TA = 25°C, VS = 3.3 V, GND = 0 V, –4 V ≤ VCM ≤ 27 V, RL = ∞, OFFSET (pin 7) is grounded, and 10 nF between VS and
GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
(6)
AC common-mode signal is a 5-VPP sine-wave (0 V to 5 V) at the given frequency.
(7)
Positive current corresponds to current flowing into the device.
(8)
For this test input is driven from A1 stage.
(9)
For VOL, RL is connected to VS and for VOH, RL is connected to GND.
(10) Short-Circuit test is a momentary test. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150°C.
PREAMPLIFIER (FROM INPUT PINS -IN, (PIN 1) AND +IN (PIN 8) TO A1 (PIN 3))
RCM
Input impedance common mode
–4 V
≤ VCM ≤ 27 V
295
k
Over full temperature range
250
350
RDM
Input impedance differential mode
–4 V
≤ VCM ≤ 27 V
590
k
Over full temperature range
500
700
VOS
Input offset voltage
VCM = VS / 2
±0.15
±1
mV
DC CMRR
DC common-mode rejection ratio
–2 V
≤ VCM ≤ 24 V
96
dB
Over full temperature range
86
AC CMRR
AC common-mode rejection ratio(6)
f = 1 kHz
80
94
dB
f = 10 kHz
85
CMVR
Input common-mode voltage range
for 80-dB CMRR
Over full temperature range
–4
27
V
K1
Preamplifier gain(3)
9.95
10.0
10.05
V/V
RF-INT
Output impedance filter resistor
100
k
–40°C
≤ TA ≤ 125°C
99
101
–40°C
≤ TA ≤ 150°C, LMP8601EDRQ1 only
97
103
TCRF-INT
Output impedance filter resistor drift
Over full temperature range
±5
±50
ppm/°C
A1 VOUT
A1 output voltage swing
VOL, RL = ∞
2
mV
Over full temperature range
10
VOH, RL = ∞
3.25
V
Over full temperature range
3.2
OUTPUT BUFFER (FROM A2 (PIN 4) TO OUT (PIN 5 ))
VOS
Input offset voltage
0V
≤ VCM ≤ VS
–2
±0.5
2
mV
Over full temperature range
–2.5
2.5
K2
Output buffer gain(3)
LMP8601, LMP8601-Q1
1.99
2
2.01
V/V
LMP8602, LMP8602-Q1
4.975
5
5.025
LMP8603, LMP8603-Q1
9.95
10
10.05
IB
Input bias current of A2(7),
–40
fA
Over full temperature range
±20
nA
A2 VOUT
A2 output voltage swing(8) (9)
VOL, RL = 100 kΩ
LMP8601,
LMP8601-Q1,
4
mV
Over full
temperature range
20
LMP8602,
LMP8602-Q1
10
Over full
temperature range
40
LMP8603,
LMP8603-Q1
10
Over full
temperature range
80
VOH, RL = 100 kΩ
3.29
V
Over full temperature range
3.28
ISC
Output short-circuit current(10)
Sourcing, VIN = VS, VOUT = GND
–25
–38
–60
mA
Sinking, VIN = GND, VOUT = VS
30
46
65


Similar Part No. - LMP8601

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
   60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8601 TI1-LMP8601 Datasheet
1Mb / 29P
[Old version datasheet]   LMP8601/LMP8601Q 60V Common Mode, Bidirectional Precision Current Sensing Amplifier
LMP8601-Q1 TI-LMP8601-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LMP8601, LMP8601-Q1 60-V Common-Mode Bidirectional Precision Current-Sensing Amplifier
LMP8601EDRQ1 TI1-LMP8601EDRQ1 Datasheet
1Mb / 33P
[Old version datasheet]   Common-Mode Bidirectional Precision Current-Sensing Amplifier
logo
National Semiconductor ...
LMP8601MA NSC-LMP8601MA Datasheet
533Kb / 22P
   60V Common Mode, Bidirectional Precision Current Sensing Amplifier
More results

Similar Description - LMP8601

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACST-01-08 ABRACON-ACST-01-08 Datasheet
282Kb / 1P
   CURRENT SENSING TRANSFORMER
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L Datasheet
196Kb / 1P
   Current Sensing Transformers
logo
XFMRS Inc.
XF0043-VTM370CS XFMRS-XF0043-VTM370CS Datasheet
37Kb / 1P
   CURRENT SENSING TRANSFORMER
logo
List of Unclassifed Man...
CSR04 ETC-CSR04 Datasheet
665Kb / 1P
   CURRENT SENSING RESISORS
logo
Allied Components Inter...
ACT-3722 ALLIED-ACT-3722 Datasheet
606Kb / 2P
   Current Sensing Toroid
logo
List of Unclassifed Man...
SV1A010M01 ETC-SV1A010M01 Datasheet
39Kb / 1P
   Current Sensing Relay
TCS2 ETC-TCS2 Datasheet
818Kb / 2P
   CURRENT SENSING RESISORS
logo
Abracon Corporation
ACST-11 ABRACON-ACST-11 Datasheet
314Kb / 1P
   CURRENT SENSING TRANSFORMER
logo
XFMRS Inc.
XF0021-CS4 XFMRS-XF0021-CS4 Datasheet
45Kb / 1P
   CURRENT SENSING TRANSFORMER
logo
Riedon Powertron
UP-1 RIEDON-UP-1 Datasheet
295Kb / 1P
   Current Sensing Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com