Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8481AHQDGKRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8481AHQDGKRQ1
Description  Automotive, 76-V, High-Side, High-Speed, Current Sense Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8481AHQDGKRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP8481AHQDGKRQ1 Datasheet HTML 4Page - Texas Instruments LMP8481AHQDGKRQ1 Datasheet HTML 5Page - Texas Instruments LMP8481AHQDGKRQ1 Datasheet HTML 6Page - Texas Instruments LMP8481AHQDGKRQ1 Datasheet HTML 7Page - Texas Instruments LMP8481AHQDGKRQ1 Datasheet HTML 8Page - Texas Instruments LMP8481AHQDGKRQ1 Datasheet HTML 9Page - Texas Instruments LMP8481AHQDGKRQ1 Datasheet HTML 10Page - Texas Instruments LMP8481AHQDGKRQ1 Datasheet HTML 11Page - Texas Instruments LMP8481AHQDGKRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
LMP8480-Q1, LMP8481-Q1
SNVSAL6 – JULY 2016
www.ti.com
Product Folder Links: LMP8480-Q1 LMP8481-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
unless otherwise specified, TA = 25°C, VCC = 4.5 V to 76 V, 4.5 V < VCM < 76 V, RL = 100 kΩ, VSENSE = (VRSP – VRSN) = 0 V,
for all gain options
Figure 7. AC Power Supply Rejection Ratio vs Frequency
Figure 8. Small Signal Gain vs Frequency
Figure 9. Large Signal Pulse Response
Figure 10. Small Signal Pulse Response
Figure 11. Supply Current vs Supply Voltage
Figure 12. Supply Current vs Temperature


Similar Part No. - LMP8481AHQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI-LMP8481 Datasheet
2Mb / 29P
[Old version datasheet]   LMP848x Precision 76-V High-Side Current Sense Amplifiers With Voltage Output
LMP8481 TI1-LMP8481 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
LMP8481MM-H TI1-LMP8481MM-H Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
LMP8481MM-H/NOPB TI1-LMP8481MM-H/NOPB Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
More results

Similar Description - LMP8481AHQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
   High side current sense amplifier
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
   High side current sense amplifier
logo
List of Unclassifed Man...
SI8540 ETC2-SI8540 Datasheet
173Kb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
   High-voltage, high-side current sense amplifier
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
   High-voltage, high-side current sense amplifier
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
   High Voltage High-Side Current Sense Amplifier
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com