Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS8D75 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CMS8D75
Description  Strobe Light Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS8D75 Datasheet(HTML) 2 Page - Sumida Corporation

  CMS8D75 Datasheet HTML 1Page - Sumida Corporation CMS8D75 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Strobe Light Transformer<SMD Type: CMS Series >
Type: CMS8D75
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆ Specification
Sample No.
Inductance
(µH)(6-1)
100kHz/1V
Inductance
(µH)(3-4)
100kHz/1V
D.C.R.
(mΩ)
(6-1)
D.C.R.
(Ω)
(3-4)
DC superposition
permission current
(6-1)(A) ※1
A745-003
10.5±20%
990(Ref.)
58.0±20%
18.7(Ref.)
4.0
Note:
1.DC superposition permission current : this indicates the value of current at which the inductance
decreases to 80% of its initial value at DC superposition.
※ 2.Charge condenser capacity: 600µF Max.
◆ Recommendation Reflow Condition
◆ Packaging with Embossed Tape and Reel
Qty.: 1000pcs/reel
300
0
0
100
150
200
250
300
50
T( ℃)
T(s)
60
120
180
240
170±10 ℃、60 ~ 120s
40s
230 ℃
245 ℃
PE AK
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T( ℃)
T( s)
60
260℃
230℃
Heat Endurance Test
Temperature Chart
300
0
0
100
150
200
250
300
50
T( ℃)
T(s)
60
120
180
240
300
0
0
100
150
200
250
300
50
T( ℃)
T(s)
60
120
180
240
170±10 ℃、60 ~ 120s
40s
230 ℃
245 ℃
PE AK
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T( ℃)
T( s)
60
260℃
230℃
Heat Endurance Test
Temperature Chart
Under Development
+0.1
-0
4.0±0.1
16.0±0.1
1.5
(3.22)
2.0±0.05
Leading Edge
Ba r code label
Sprocket Holes
Sprocket Holes
Bar code label
Leading Edge
(8.5)


Similar Part No. - CMS8D75

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMS8D75 SUMIDA-CMS8D75 Datasheet
509Kb / 3P
   Strobe Light Transformer
More results

Similar Description - CMS8D75

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMS5D38 SUMIDA-CMS5D38 Datasheet
74Kb / 2P
   Strobe Light Transformer
CMS5D28D SUMIDA-CMS5D28D Datasheet
160Kb / 2P
   Strobe Light Transformer
CMS8D57 SUMIDA-CMS8D57 Datasheet
69Kb / 2P
   Strobe Light Transformer
CMS8D SUMIDA-CMS8D Datasheet
509Kb / 3P
   Strobe Light Transformer
CMS5D28 SUMIDA-CMS5D28 Datasheet
120Kb / 1P
   Strobe Light Transformer
CMS5D23 SUMIDA-CMS5D23 Datasheet
127Kb / 1P
   Strobe Light Transformer
CEEH64 SUMIDA-CEEH64 Datasheet
136Kb / 1P
   Strobe Light Transformer
CEEH54 SUMIDA-CEEH54 Datasheet
155Kb / 1P
   Strobe Light Transformer
logo
Sanyo Semicon Device
TIG002SS SANYO-TIG002SS Datasheet
23Kb / 3P
   Light-Controlling Strobe Applications
TIG004SS SANYO-TIG004SS Datasheet
21Kb / 3P
   Light-Controlling Strobe Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com