Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLS4D28B-2R2NB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CLS4D28B-2R2NB
Description  Power Inductor & 2 in 1 Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLS4D28B-2R2NB Datasheet(HTML) 2 Page - Sumida Corporation

  CLS4D28B-2R2NB Datasheet HTML 1Page - Sumida Corporation CLS4D28B-2R2NB Datasheet HTML 2Page - Sumida Corporation CLS4D28B-2R2NB Datasheet HTML 3Page - Sumida Corporation CLS4D28B-2R2NB Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Power Inductor & 2 in 1 Transformer < SMD Type: CLS Series>
Type: CLS4D28B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/4
Specification
Saturation Current(A)
2
Temperature
Rise current
(A) ※3
D.C.R.
[Max.] (mΩ)
(at 20℃)※1
In parallel
In series
Part No.
Stamp
Inductance
Within]
(2-1)
(4-3)
at
20℃
at
100℃
at
20℃
at
100℃
In
parallel
In
series
CLS4D28B-2R2N□
A
2.2µH±30%
48(37)
58(44)
1.60
1.28
0.88
0.72
2.88
1.44
CLS4D28B-3R5N□
B
3.5µH±30%
74(57)
89(69)
1.34
1.40
0.64
0.50
2.26
1.14
CLS4D28B-5R2N□
C
5.2µH±30% 100(77)
123(95)
1.02
0.86
0.52
0.42
1.89
0.95
CLS4D28B-6R8N□
D
6.8µH±30% 132(102) 162(125)
0.92
0.74
0.44
0.38
1.66
0.78
CLS4D28B-1ØØN□
E
10µH±30% 152(117) 190(146)
0.80
0.68
0.38
0.34
1.54
0.72
CLS4D28B -15Ø N□
F
15µH±30% 260(200) 318(244)
0.62
0.54
0.32
0.26
1.05
0.54
CLS4D28B -22ØN□
G
22µH±30% 320(246) 405(311)
0.50
0.46
0.26
0.22
1.03
0.45
CLS4D28B -33ØN□
H
33µH±30% 535(413) 470(514)
0.42
0.34
0.22
0.18
0.77
0.37
CLS4D28B -47ØN□
J
47µH±30% 650(500) 820(631)
0.37
0.33
0.18
0.14
0.72
0.31
※ Description of Part Name
CLS4D28B -2R2N□
1. ( ) typical value.
2. Saturation Current: The DC current at which the inductance decreases to 90% of it’s nominal value.
3.Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
Typical SEPIC Schematic
B Box
C Carrier Tape
Vin
Vout
L1
L2
C1
C2
D


Similar Part No. - CLS4D28B-2R2NB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS4D28B SUMIDA-CLS4D28B Datasheet
304Kb / 3P
   2 in 1 Inductor & 3 in 1 Inductor
CLS4D28B SUMIDA-CLS4D28B Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
More results

Similar Description - CLS4D28B-2R2NB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS4D09 SUMIDA-CLS4D09_10 Datasheet
123Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D23B SUMIDA-CLS4D23B Datasheet
202Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D14 SUMIDA-CLS4D14_07 Datasheet
46Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D11 SUMIDA-CLS4D11_07 Datasheet
42Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D09 SUMIDA-CLS4D09_07 Datasheet
39Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D18 SUMIDA-CLS4D18 Datasheet
40Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D23 SUMIDA-CLS4D23 Datasheet
160Kb / 2P
   Power Inductor & 2 in 1 Power Transformer
CLS6D23 SUMIDA-CLS6D23 Datasheet
39Kb / 1P
   Power Inductor&2 in 1 Power Transformer
CLS6D18 SUMIDA-CLS6D18 Datasheet
39Kb / 1P
   Power Inductor&2 in 1 Power Transformer
CLS3D18 SUMIDA-CLS3D18 Datasheet
44Kb / 2P
   Power Inductor & 2 in 1 Power Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com