Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLS4D23B-7R3NC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CLS4D23B-7R3NC
Description  Power Inductor & 2 in 1 Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLS4D23B-7R3NC Datasheet(HTML) 4 Page - Sumida Corporation

  CLS4D23B-7R3NC Datasheet HTML 1Page - Sumida Corporation CLS4D23B-7R3NC Datasheet HTML 2Page - Sumida Corporation CLS4D23B-7R3NC Datasheet HTML 3Page - Sumida Corporation CLS4D23B-7R3NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Power Inductor & 2 in 1 Transformer < SMD Type: CLS Series>
Type: CLS4D23B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
4/4
Recommendation Reflow Condition
Packaging with Embossed Tape and Reel
Qty.: 2000pcs/reel
300
0
0
100
150
200
250
300
50
T(℃)
T(s)
60
120
180
240
170±10℃、60 ~ 120s
40s
230℃
245℃
PEAK
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T( ℃)
T( s)
60
260℃
230℃
Heat Endurance Test
Temperature Chart
300
0
0
100
150
200
250
300
50
T(℃)
T(s)
60
120
180
240
300
0
0
100
150
200
250
300
50
T(℃)
T(s)
60
120
180
240
170±10℃、60 ~ 120s
40s
230℃
245℃
PEAK
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T( ℃)
T( s)
60
260℃
230℃
Heat Endurance Test
Temperature Chart
±
±
±
1.5-0
+0.1
2.0
±0.1
4.0
±0.1
8.0
±0.1
2.8
Ref.
Leading Edge
Bar code label
Sprocket Holes


Similar Part No. - CLS4D23B-7R3NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS4D23B SUMIDA-CLS4D23B Datasheet
304Kb / 3P
   2 in 1 Inductor & 3 in 1 Inductor
CLS4D23B SUMIDA-CLS4D23B Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
More results

Similar Description - CLS4D23B-7R3NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS4D09 SUMIDA-CLS4D09_10 Datasheet
123Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D14 SUMIDA-CLS4D14_07 Datasheet
46Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D11 SUMIDA-CLS4D11_07 Datasheet
42Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D09 SUMIDA-CLS4D09_07 Datasheet
39Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D18 SUMIDA-CLS4D18 Datasheet
40Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D28B SUMIDA-CLS4D28B Datasheet
116Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D23 SUMIDA-CLS4D23 Datasheet
160Kb / 2P
   Power Inductor & 2 in 1 Power Transformer
CLS6D23 SUMIDA-CLS6D23 Datasheet
39Kb / 1P
   Power Inductor&2 in 1 Power Transformer
CLS6D18 SUMIDA-CLS6D18 Datasheet
39Kb / 1P
   Power Inductor&2 in 1 Power Transformer
CLS3D18 SUMIDA-CLS3D18 Datasheet
44Kb / 2P
   Power Inductor & 2 in 1 Power Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com