Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEP123NP-2R0MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CEP123NP-2R0MC
Description  SMD Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP123NP-2R0MC Datasheet(HTML) 1 Page - Sumida Corporation

  CEP123NP-2R0MC Datasheet HTML 1Page - Sumida Corporation CEP123NP-2R0MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CEP123
Description
• Ferrite core construction.
• Magnetically shielded.
• L
×W×H: 12.8×12.8×3.5 mm Max.
• Product weight: 1.5g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+100℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+100℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 13.0”diameter reel
• 1000pcs per reel
Applications
• Ideally used in portable computer CPU
power supply.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Electrical Characteristics
10.0
2.2
14.4
2.2
8.3
3.05
1.0
16.4
1.0
3.05
11
.4
2.
15
7.
1
LA
ND
SO
LD
ER
RE
SI
ST
SO
LD
ER
RE
SI
ST
2.
15
4.0
23.00(19.18)
8.0
μH ± 20%
8R0
CEP123NP-8R0MC
4.6
20.26(16.88)
6.3
μH ± 20%
6R3
CEP123NP-6R3MC
5.2
17.10(14.26)
4.6
μH ± 20%
4R6
CEP123NP-4R6MC
5.8
14.20(11.84)
3.2
μH ± 20%
3R2
CEP123NP-3R2MC
8.0
7.40(6.14)
2.0
μH ± 20%
2R0
CEP123NP-2R0MC
10.0
5.83(4.86)
1.2
μH ± 20%
1R2
CEP123NP-1R2MC
RATED CURRENT
(
A) ※2
D.C.R.(
mΩ)
[MAX.] (Typ)
(at 20
℃)
INDUCTANCE
[WITHIN]
※1
STAMP
PART No.
※1. Measuring condition: at 100 kHz.
※2. Rated current: The DC current at which the inductance decreases to 75% of its nominal value or when
△t=40℃, whichever is lower .
12.5±0.3
9.2±0.3
1.60±0.2
1.70±0.2
8.
0.
3
10
.6
±
0.
3
12
.5
±
0.
3
MAX.3.5


Similar Part No. - CEP123NP-2R0MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEP123 SUMIDA-CEP123 Datasheet
243Kb / 1P
   POWER INDUCTORS (SMD Type)
More results

Similar Description - CEP123NP-2R0MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com