Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5424BTDKERQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5424BTDKERQ1
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5424BTDKERQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5424BTDKERQ1 Datasheet HTML 2Page - Texas Instruments TAS5424BTDKERQ1 Datasheet HTML 3Page - Texas Instruments TAS5424BTDKERQ1 Datasheet HTML 4Page - Texas Instruments TAS5424BTDKERQ1 Datasheet HTML 5Page - Texas Instruments TAS5424BTDKERQ1 Datasheet HTML 6Page - Texas Instruments TAS5424BTDKERQ1 Datasheet HTML 7Page - Texas Instruments TAS5424BTDKERQ1 Datasheet HTML 8Page - Texas Instruments TAS5424BTDKERQ1 Datasheet HTML 9Page - Texas Instruments TAS5424BTDKERQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
TAS5414B-Q1
TAS5424B-Q1
SLOS673
– DECEMBER 2011
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
PVDD
DC supply voltage range
Relative to GND
–0.3 to 30
V
PVDDMAX
Pulsed supply voltage range
t
≤ 100 ms exposure
–1 to 50
V
PVDDRAMP
Supply voltage ramp rate
15
V/ms
IPVDD
Externally imposed dc supply current per PVDD or GND pin
±12
A
IPVDD_MAX
Pulsed supply current per PVDD pin (one shot)
t
< 100 ms
17
A
IO
Maximum allowed dc current per output pin
±13.5
A
IO_MAX
(1)
Pulsed output current per output pin (single pulse)
t
< 100 ms
±17
A
IIN_MAX
Maximum current, all digital and analog input pins(2)
DC or pulsed
±1
mA
IMUTE_MAX
Maximum current on MUTE pin
DC or pulsed
±20
mA
IIN_ODMAX
Maximum sink current for open-drain pins
7
mA
Input voltage range for pin relative to GND (SCL, SDA,
Supply voltage range:
VLOGIC
–0.3 to 6
V
I2C_ADDR pins)
6V
< PVDD < 24 V
Supply voltage range:
VMUTE
Voltage range for MUTE pin relative to GND
–0.3 to 7.5
V
6 V
< PVDD < 24 V
Supply voltage range:
VSTANDBY
Input voltage range for STANDBY pin
–0.3 to 5.5
V
6 V
< PVDD < 24 V
Supply voltage range:
VOSC_SYNC
Input voltage range for OSC_SYNC pin relative to GND
–0.3 to 3.6
V
6 V
< PVDD < 24 V
VGND
Maximum voltage between GND pins
±0.3
V
Maximum ac-coupled input voltage for TAS5414B-Q1(2),
Supply voltage range:
VAIN_AC_MAX_5414
1.9
Vrms
analog input pins
6 V
< PVDD < 24 V
Maximum ac-coupled differential input voltage for
Supply voltage range:
VAIN_AC_MAX_5424
3.8
Vrms
TAS5424B-Q1(2), analog input pins
6 V
< PVDD < 24 V
TJ
Maximum operating junction temperature range
–55 to 150
°C
Tstg
Storage temperature range
–55 to 150
°C
(1)
Pulsed current ratings are maximum survivable currents externally applied to the device. High currents may be encountered during
reverse battery, fortuitous open ground, and fortuitous open supply fault conditions.
(2)
See Application Information section for information on analog input voltage and ac coupling.
THERMAL CHARACTERISTICS
PARAMETER
VALUE (Typical)
UNIT
Junction-to-case (heat slug) thermal
RθJC
1.0
resistance, DKD package
Junction-to-case (heat slug) thermal
RθJC
1.2
°C/W
resistance, PHD package
This device is not intended to be used without a heatsink. Therefore, RθJA
RθJA
Junction-to-ambient thermal resistance
is not specified. See the Thermal Information section.
Exposed pad dimensions, DKD package
13.8
× 5.8
mm
Exposed pad dimensions, PHD package
8
× 8
6
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TAS5424BTDKERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5424 TI-TAS5424 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424 TI-TAS5424 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424 TI-TAS5424 Datasheet
1,015Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424A TI-TAS5424A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424A TI-TAS5424A Datasheet
1Mb / 48P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results

Similar Description - TAS5424BTDKERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414_0705 TI-TAS5414_0705 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A_08 Datasheet
1Mb / 48P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com