Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB8F-10 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # TB8F-10
Description  1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

TB8F-10 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  TB8F-10 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD TB8F-10 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD TB8F-10 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABF Package
FEATURES:
Glass Passivated Chip Junction
• Reverse Voltage - 100 to 1000 V
• Forward Current - 1 A
• High Surge Current Capability
• Designed for Surface Mount Application
PINNING
PIN
1
2
DESCRIPTION
3
4
Output Cathode(-)
Output Anode(+)
Input Pin(~)
Input Pin(~)
MECHANICAL DATA
• Case: ABF
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
82mg 0.0029oz
pprox. Weight:
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum DC Reverse Current
at Rated DC Blocking Voltage
Typical Junction Capacitance
(Note1)
VRRM
VRMS
VDC
IO
IFSM
IR
TB1F-10
TB2F-10
TB4F-10
TB6F-10
TB8F-10
TB10F-10
V
V
V
1
35
13
-55 ~ +150
A
A
V
μA
pF
°C
Maximum Ratings and Electrical characteristics
Units
Cj
T , T
j
stg
Symbols
75
20
Typical Thermal Resistance
(Note2)
°C/W
RθJA
R
θJC
Average Rectified Output Current
at T = 125
°C
c
100
200
400
600
800
1000
100
200
400
600
800
1000
70
140
280
420
560
700
Forward Voltage per element
VF
@I =1.0A
F
1.1
@
T =25 °C
A
@
T =125 °C
A
5
50
1
2
3
4
TB1F-10 THRU TB10F-10
Note: 1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4
×
×
×
)copper pad.
1.5" 1.5"
3.81 3.81 cm
www.yfwdiode.com


Similar Part No. - TB8F-10

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
TB8F-12 YFWDIODE-TB8F-12 Datasheet
419Kb / 3P
   1.2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
TB8F-15 YFWDIODE-TB8F-15 Datasheet
419Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - TB8F-10

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ABS1-10-ABS-LBF YFWDIODE-ABS1-10-ABS-LBF Datasheet
420Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
HDS10M DIODES-HDS10M Datasheet
489Kb / 5P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
1A-MB1S-MBS YFWDIODE-1A-MB1S-MBS Datasheet
481Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
1A-MB1F-MBF YFWDIODE-1A-MB1F-MBF Datasheet
476Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
MB1SK SKTECHNOLGY-MB1SK Datasheet
521Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LUM1B SKTECHNOLGY-LUM1B Datasheet
1Mb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1FK SKTECHNOLGY-MB1FK Datasheet
1Mb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
TB1S-10 SKTECHNOLGY-TB1S-10 Datasheet
383Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB1F-10 YFWDIODE-MB1F-10 Datasheet
638Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE
ABS1 YFWDIODE-ABS1 Datasheet
502Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com