Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB5D1M Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TB5D1M
Description  QUAD DIFFERENTIAL PECL DRIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TB5D1M Datasheet(HTML) 4 Page - Texas Instruments

  TB5D1M Datasheet HTML 1Page - Texas Instruments TB5D1M Datasheet HTML 2Page - Texas Instruments TB5D1M Datasheet HTML 3Page - Texas Instruments TB5D1M Datasheet HTML 4Page - Texas Instruments TB5D1M Datasheet HTML 5Page - Texas Instruments TB5D1M Datasheet HTML 6Page - Texas Instruments TB5D1M Datasheet HTML 7Page - Texas Instruments TB5D1M Datasheet HTML 8Page - Texas Instruments TB5D1M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
SWITCHING CHARACTERISTICS, 5-V NOMINAL SUPPLY
TB5D1M, TB5D2H
SLLS579C – SEPTEMBER 2003 – REVISED JANUARY 2008
THIRD STATE—A TB5D1M (or TB5D2H) driver produces pseudo-ECL levels, and has a third-state mode, which
is different than a conventional TTL device. When a TB5D1M (or TB5D2H) driver is placed in the third state, the
base of the output transistors is pulled low, bringing the outputs below the active-low level of standard PECL
devices. [For example: The TB5D1M low output level is typically 2.7 V, while the third state output level is less
than 0.1 V.] In a bidirectional, multipoint, bus application, the driver of one device, which is in its third state, may
be back driven by another driver on the bus whose voltage in the low state is lower than the third-stated device.
This could come about due to differences in the driver's independent power supplies. In this case, the device in
the third state controls the line, thus clamping the line and reducing the signal swing. If the difference voltage
between the independent driver power supplies is small, this consideration can be ignored. Again using the
TB5D1M driver as an example, a typical supply voltage difference between separate drivers of > 2 V can exist
without significantly affecting the amplitude of the signal.
over recommended operating conditions unless otherwise noted
parameter
test conditions
min
typ(1)
max
unit
tP1
Propagation delay time, input high to output(2)
1.2
2
CL = 5 pF, See Figure 1 and
ns
Figure 3
tP2
Propagation delay time, input low to output(2)
1.2
2
ΔtP
Capacitive delay
0.01
0.03
ns/pF
Propagation delay time,
tPHZ
7
12
high-level-to-high-impedance output
Propagation delay time,
tPLZ
7
12
low-level-to-high-impedance output
CL = 5 pF, See Figure 2 and
ns
Figure 3
Propagation delay time,
tPZH
5
12
high-impedance-to-high-level output
Propagation delay time,
tPZL
4
12
high-impedance-to-low-level output
tskew1
Output skew, |tP1 - tP2|
0.15
0.3
tshew2
Output skew, |tPHH - tPHL|, |tPLH - tPLL|
0.15
1.1
CL = 5 pF, See Figure 1 and
ns
Figure 3
tskew(pp)
Part-to-part skew(3)
0.1
1
Δtskew
Output skew, difference between drivers(4)
0.3
tTLH
Rise time (20% - 80%)
0.7
2
CL = 5 pF, See Figure 1 and
ns
Figure 3
tTHL
Fall time (80% - 20%)
0.7
2
(1)
All typical values are at 25C and with a 5-V supply.
(2)
Parameters tP1 and tP2 are measured from the 1.5 V point of the input to the crossover point of the outputs (see Figure 1).
(3)
tskew(pp) is the magnitude of the difference in differential propagation delay times, tP1 or tP2, between any specified outputs of two devices
when both devices operate with the same supply voltage, at the same temperature, and have identical packages and test circuits.
(4)
Δtskew is the magnitude of the difference in differential skew tskew1 between any specified outputs of a single device.
4
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): TB5D1M TB5D2H


Similar Part No. - TB5D1M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5D1M TI-TB5D1M Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1MD TI-TB5D1MD Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1MD TI1-TB5D1MD Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1MDE4 TI1-TB5D1MDE4 Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
More results

Similar Description - TB5D1M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5D2H TI-TB5D2H Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M_17 Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com