Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB26F Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # TB26F
Description  2A SURFACE MOUNT SCHOTTKY BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

TB26F Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  TB26F Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD TB26F Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD TB26F Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2A SURFACE MOUNT SCHOTTKY BRIDGE
FEATURES:
Reverse Voltage - 40 to 200 V
Forward Current - 2 A
High Surge Current Capability
Designed for Surface Mount Application
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum DC Blocking Voltage
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
VRRM
VRMS
VDC
V
V
V
Maximum Ratings and Electrical characteristics
Units
Symbols
TB24F
TB26F
TB28F
TB210F
TB220F
40
60
80
100
200
40
60
80
100
200
28
42
56
70
140
Typical Junction Capacitance (Note:1)
2.0
40
0.5
10
70
-55 ~ +125
A
A
V
mA
pF
°C
Typical Thermal Resistance (Note:2)
°C/W
Peak Forward Surge Current,8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
Max Instantaneous Forward Voltage at 2A
Maximum DC Reverse Current
at Rated DC Reverse Voltage
Operating Junction Temperature Range
T = 25
°C
a
T =100
°C
a
IF(AV)
IFSM
VF
IR
RθJA
Cj
Tj
Tstg
Storage Temperature Range
0.55
0.70
0.85
220
-55 ~ +150
°C
0.3
5
80
50
MECHANICAL DATA
• Case: ABF
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
82mg 0.0029oz
pprox. Weight:
ABF Package
PINNING
PIN
1
2
DESCRIPTION
3
4
Output Cathode(-)
Output Anode(+)
Input Pin(~)
Input Pin(~)
1
2
3
4
Average Rectified Output Current
at T = 100
°C
c
TB24F THRU TB220F
Note: 1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4
×
×
×
)copper pad.
1.5" 1.5"
3.81 3.81 cm
www.yfwdiode.com


Similar Part No. - TB26F

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
TB26F YFWDIODE-TB26F Datasheet
82Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
More results

Similar Description - TB26F

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
TB24S-LBF YFWDIODE-TB24S-LBF Datasheet
420Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
TB24F YFWDIODE-TB24F Datasheet
82Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24F-MBF YFWDIODE-MB24F-MBF Datasheet
427Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24S-MBS YFWDIODE-MB24S-MBS Datasheet
433Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24F YFWDIODE-MB24F Datasheet
495Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24S YFWDIODE-MB24S Datasheet
499Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
SHIKUES Electronics
MB24S SKTECHNOLGY-MB24S Datasheet
286Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24F SKTECHNOLGY-MB24F Datasheet
294Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
DONGGUAN YOU FENG WEI E...
TB24S YFWDIODE-TB24S Datasheet
505Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
ABS201 YFWDIODE-ABS201 Datasheet
608Kb / 3P
   2A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com