Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB28S Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # TB28S
Description  2A SURFACE MOUNT SCHOTTKY BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

TB28S Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  TB28S Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD TB28S Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD TB28S Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Marking
Type number
Marking code
TB24S
TB26S
TB28S
TB210S
TBxxS
TB220S
TB24S
TB26S
TB28S
TB210S
TB220S
PACKAGE OUTLINE
Plastic surface mounted package; 4 leads
ABS/LBF
UNIT
mm
1.5
0.22
5.2
4.5
6.4
1.3
0.15
4.9
4.2
6.0
max
min
mil
max
min
59
51
8.7
5.9
205
193
177
166
252
236
A
C
D
E
HE
d
0.7
0.5
28
20
e
4.2
3.8
165
150
L
L1
a
0.95
0.6
37
24
0.2
4
∠ALL ROUND
HE
L
a
L1
E
d
∠ALL ROUND
ABS/LBF mechanical data
The recommended mounting pad size
4.0
157
6.2
244
1.0
39
2.0
79
mm
(mil)
Unit :
TB24S THRU TB220S
www.yfwdiode.com


Similar Part No. - TB28S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
TB28S SECOS-TB28S Datasheet
297Kb / 2P
   Voltage 40V ~ 200V 2.0 Amp Surface Mount Schottky Bridge
logo
Microdiode Electronics ...
TB28S CHENDA-TB28S Datasheet
778Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
TB28S CHENDA-TB28S Datasheet
433Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
TB28S ZSELEC-TB28S Datasheet
86Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
TB28S YFWDIODE-TB28S Datasheet
505Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
More results

Similar Description - TB28S

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
TB24F YFWDIODE-TB24F Datasheet
82Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24F-MBF YFWDIODE-MB24F-MBF Datasheet
427Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24S-MBS YFWDIODE-MB24S-MBS Datasheet
433Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
TB24F-ABF YFWDIODE-TB24F-ABF Datasheet
420Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24F YFWDIODE-MB24F Datasheet
495Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24S YFWDIODE-MB24S Datasheet
499Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
SHIKUES Electronics
MB24S SKTECHNOLGY-MB24S Datasheet
286Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24F SKTECHNOLGY-MB24F Datasheet
294Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
DONGGUAN YOU FENG WEI E...
TB24S YFWDIODE-TB24S Datasheet
505Kb / 3P
   2A SURFACE MOUNT SCHOTTKY BRIDGE
ABS201 YFWDIODE-ABS201 Datasheet
608Kb / 3P
   2A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com