Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB5T1DWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TB5T1DWR
Description  DUAL DIFFERENTIAL PECL DRIVER/RECEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TB5T1DWR Datasheet(HTML) 1 Page - Texas Instruments

  TB5T1DWR Datasheet HTML 1Page - Texas Instruments TB5T1DWR Datasheet HTML 2Page - Texas Instruments TB5T1DWR Datasheet HTML 3Page - Texas Instruments TB5T1DWR Datasheet HTML 4Page - Texas Instruments TB5T1DWR Datasheet HTML 5Page - Texas Instruments TB5T1DWR Datasheet HTML 6Page - Texas Instruments TB5T1DWR Datasheet HTML 7Page - Texas Instruments TB5T1DWR Datasheet HTML 8Page - Texas Instruments TB5T1DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
9
10
16
15
14
13
12
11
1
2
3
4
5
6
7
8
GND
VCC
RO2
RO1
DI1
DI2
ED
ER
RI1
RI1
RI2
RI2
DO1
DO1
DO2
DO2
DW AND D PACKAGE
(TOP VIEW)
DESCRIPTION
DI1
DI2
ED
ER
RO2
RO1
RI1
RI1
RI2
RI2
DO1
DO1
DO2
DO2
Enable Truth Table
TB5T1
SLLS589C – NOVEMBER 2003 – REVISED OCTOBER 2007
www.ti.com
DUAL DIFFERENTIAL PECL DRIVER/RECEIVER
In circuits with termination resistors, the line remains
impedance- matched when the circuit is powered
• Functional Replacement for the Agere BTF1A
down. The driver does not load the line when it is
• Driver Features
powered down.
Third-State Logic Low Output
All devices are characterized for operation from -40
°C
ESD Protection HBM > 3 kV, CDM > 2 kV
to 85
°C.
No Line Loading when VCC = 0
The logic inputs of this device include internal pull-up
Capable of Driving 50-
Ω loads
resistors of approximately 40 k
Ω that are connected
to VCC to ensure a logical high level input if the inputs
2.0-ns Maximum Propagation Delay
are open circuited.
0.2-ns Output Skew (typical)
PIN ASSIGNMENTS
• Receiver Features
High-Input Impedance Approximately 8 k
4.0-ns Maximum Propagation Delay
50-mV Hysteresis
Slew Rate Limited (1 ns min 80% to 20%)
ESD Protection HBM > 3 kV, CDM > 2 kV
-1.1-V to 7.1-V Input Voltage Range
• Common Device Features
Common Enable for Each Driver/Receiver
Pair
FUNCTIONAL BLOCK DIAGRAM
Operating Temperature Range: -40
°C to
85
°C
Single 5.0 V ± 10% Supply
Available in Gull-Wing SOIC (JEDEC
MS-013, DW) and SOIC (D) Package
The TB5T1 device is a dual differential driver/receiver
circuit that transmits and receives digital data over
balanced
transmission
lines.
The
dual
drivers
translate
input
TTL
logic
levels
to
differential
pseudo-ECL output levels. The dual receivers convert
differential-input logic levels to TTL output levels.
Each driver or receiver pair has its own common
enable control allowing serial data and a control clock
to be transmitted and received on a single integrated
circuit. The TB5T1 requires the customer to supply
ED
ER
D1
D2
R1
R2
termination resistors on the circuit board.
0
0
Active
Active
Active
Active
The
power-down
loading
characteristics
of
the
1
0
Disabled
Disabled
Active
Active
receiver input circuit are approximately 8 k
Ω relative
0
1
Active
Active
Disabled
Disabled
to the power supplies; hence, it does not load the
1
1
Disabled
Disabled
Disabled
Disabled
transmission line when the circuit is powered down.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TB5T1DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5T1DWR TI-TB5T1DWR Datasheet
437Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL PECL DRIVER/RECEIVER
More results

Similar Description - TB5T1DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5T1 TI-TB5T1 Datasheet
437Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL PECL DRIVER/RECEIVER
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
AZP96 AZM-AZP96_09 Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_12 Datasheet
410Kb / 6P
   PECL/ECL Differential Receiver
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
AZ10EP16 AZM-AZ10EP16 Datasheet
80Kb / 6P
   ECL/PECL Differential Receiver
AZ10LVEL16 AZM-AZ10LVEL16 Datasheet
82Kb / 7P
   ECL/PECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com