Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC255P Datasheet(PDF) 7 Page - Texas Instruments

Part # TC255P
Description  PIXEL CCD IMAGE SENSOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC255P Datasheet(HTML) 7 Page - Texas Instruments

Back Button TC255P Datasheet HTML 3Page - Texas Instruments TC255P Datasheet HTML 4Page - Texas Instruments TC255P Datasheet HTML 5Page - Texas Instruments TC255P Datasheet HTML 6Page - Texas Instruments TC255P Datasheet HTML 7Page - Texas Instruments TC255P Datasheet HTML 8Page - Texas Instruments TC255P Datasheet HTML 9Page - Texas Instruments TC255P Datasheet HTML 10Page - Texas Instruments TC255P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TC255P
336-
× 244-PIXEL CCD IMAGE SENSOR
SOCS057A – JUNE 1996 – REVISED MARCH 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
spurious-nonuniformity specification
The spurious-nonuniformity specification of the TC255P is based on several sensor characteristics:
Amplitude of the nonuniform pixel
Polarity of the nonuniform pixel
Black
White
Column amplitude
The CCD sensor is characterized in both an illuminated condition and a dark condition. In the dark condition,
the nonuniformity is specified in terms of absolute amplitude as shown in Figure 5. In the illuminated condition,
the nonuniformity is specified as a percentage of the total illumination as shown in Figure 6.
The specification for the TC255P is as follows:
WHITE SPOT
(DARK)
WHITE SPOT
(ILLUMINATED)
COLUMN
(DARK)
COLUMN
(ILLUMINATED)
BLACK SPOT
(ILLUMINATED)
WHITE/BLACK†
PAIR
x < 15 mV
x < 15%
x < 0.5 mV
x < 1 mV
x < 15%
x < 9mV
† A white/black pair nonuniformity will be no more than 2 pixels even for integration times of 1/60 second.
The conditions under which this specification is defined are as follows:
The integration time is 1/60 second except for illuminated white spots, illuminated black spots and
white/black pair nonuniformities; in these three cases, the integration time is 1/240 second.
The temperature is 45°C.
The CCD video-output signal is 60 mV ± 10 mV.
mV
Amplitude
t
Illumination
% of Total
t
%
Figure 5. Pixel Nonuniformity,
Figure 6. Pixel Nonuniformity,
Dark Condition
Illuminated Condition


Similar Part No. - TC255P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC255P TI-TC255P Datasheet
240Kb / 18P
[Old version datasheet]   336- 횞 244-pixel ccd image sensor
More results

Similar Description - TC255P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
[Old version datasheet]   pixel ccd image sensor
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
[Old version datasheet]   pixel ccd image sensor
TC253 TI1-TC253 Datasheet
256Kb / 19P
[Old version datasheet]   680x500 PIXEL CCD IMAGE SENSOR
TC341 TI-TC341 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC236 TI-TC236 Datasheet
189Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com