Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC281 Datasheet(PDF) 7 Page - Texas Instruments

Part # TC281
Description  PIXEL CCD IMAGE SENSOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC281 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TC281 Datasheet HTML 3Page - Texas Instruments TC281 Datasheet HTML 4Page - Texas Instruments TC281 Datasheet HTML 5Page - Texas Instruments TC281 Datasheet HTML 6Page - Texas Instruments TC281 Datasheet HTML 7Page - Texas Instruments TC281 Datasheet HTML 8Page - Texas Instruments TC281 Datasheet HTML 9Page - Texas Instruments TC281 Datasheet HTML 10Page - Texas Instruments TC281 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TC281
1036-
× 1010-PIXEL CCD IMAGE SENSOR
SOCS058D – JUNE 1996 – REVISED MARCH 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
advanced lateral overflow drain (continued)
Applying a 10-V pulse for a minimum duration of 1
µs above the nominal dc bias level causes the charge in the
image area to be completely cleared. This feature permits a precise control of the integration time on a
frame-by-frame basis. The single-pulse clear capability also reduces smear by eliminating accumulated charge
from the pixels before the start of the integration (single-sided smear).
Application of a negative 2-V pulse during the parallel transfer is recommended to prevent possible artifacts
resulting from slight column-to-column pixel well capacity variations.
storage area
A metal light shield covers the storage area to prevent a further integration of charge when charge is being
stored before readout. To use the sensor in a single-shot mode after being dormant for a long period of time,
you must perform multiple storage area clears to ensure the complete charge removal (see Figure 4).
serial register
The serial register shifts the data out of the sensor area at a maximum rate of 40 MHz, thus achieving a
1000 x 1000 pixel readout with the frame rate of 30 frames per second. The data is shifted to the BCD node
on the falling edge of the SRG clocking pulses.
The data can also be transferred out of the serial registers in a parallel direction to the clear drain. This allows
partial line readouts. The timing for this operating mode consists of transferring the next row from the storage
into the serial register while also clocking the TRG. Binning of multiple pixels within a column to increase the
device sensitivity can be performed by multiple line transfers into the serial register prior to the register readout.
The timing for this mode of operation is shown in Figure 5. Care must be taken not to exceed the well capacity
of the serial register by transferring too many lines into it. Horizontal binning is also possible in this sensor. It
can be accomplished in the BCD detection node by a suitable skipping of the reset pulses.
bulk charge detection node and output amplifier
The TC281 image sensor uses a patented TI charge detection device called the bulk charge detection node.
In this node, the signal electron packets are transferred under a uniquely designed p-channel MOS transistor
where they modulate the transistor threshold voltage. The threshold voltage changes are then detected; they
represent the desired output signal. After sensing is completed, charge is removed from the node by applying
a reset pulse. One of the key advantages of the BCD charge detection concept is that charge is sensed
nondestructively. The nondestructive readout does not generate reset noise, eliminating the need for the CDS
post processing. Other advantages are high speed and low noise.
Emitter-follower output buffering is recommended for the TI image sensors. TI also recommends that the
emitter-follower be ac coupled to the rest of the signal processing chain. ac coupling eliminates problems with
the sensor output dc stability and the sensor-to-sensor dc output level variations.


Similar Part No. - TC281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC281 TI-TC281 Datasheet
238Kb / 18P
[Old version datasheet]   1036- 횞 1010-pixel ccd image sensor
logo
SHENZHEN FUMAN ELECTRON...
TC2811 FUMAN-TC2811 Datasheet
320Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
TC2811N FUMAN-TC2811N Datasheet
367Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
TC2811Z FUMAN-TC2811Z Datasheet
368Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
logo
Productwell Precision E...
TC2812D-471M PRODUCTWELL-TC2812D-471M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
[Old version datasheet]   pixel ccd image sensor
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
[Old version datasheet]   pixel ccd image sensor
TC253 TI1-TC253 Datasheet
256Kb / 19P
[Old version datasheet]   680x500 PIXEL CCD IMAGE SENSOR
TC341 TI-TC341 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC236 TI-TC236 Datasheet
189Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com