Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA6418E Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6418E
Description  I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA6418E Datasheet(HTML) 4 Page - Texas Instruments

  TCA6418E Datasheet HTML 1Page - Texas Instruments TCA6418E Datasheet HTML 2Page - Texas Instruments TCA6418E Datasheet HTML 3Page - Texas Instruments TCA6418E Datasheet HTML 4Page - Texas Instruments TCA6418E Datasheet HTML 5Page - Texas Instruments TCA6418E Datasheet HTML 6Page - Texas Instruments TCA6418E Datasheet HTML 7Page - Texas Instruments TCA6418E Datasheet HTML 8Page - Texas Instruments TCA6418E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TCA6418E
SCPS243 – SEPTEMBER 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
VI
Input voltage range(2)
–0.5
4.6
V
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
4.6
VO
V
Output voltage range in the high or low state(2)
–0.5
4.6
IIK
Input clamp current
VI < 0
±20
mA
IOK
Output clamp current
VO < 0
±20
mA
P port, SDA
50
IOL
Continuous output Low current
VO = 0 to VCC
INT
25
mA
IOH
Continuous output High current
P port
VO = 0 to VCC
50
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated under RECOMMENDED
OPERATING CONDITIONS is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
THERMAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
θJA
Package thermal impedance(1)
YFP package
98.8
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VCC
Supply voltage
1.65
3.6
V
VIH
High-level input voltage
SCL, SDA, GPIO0-17, RESET
0.7 × VCC
3.6
V
VIL
Low-level input voltage
SCL, SDA, GPIO0-17, RESET
–0.5
0.3 × VCC
V
IOH
High-level output current
GPIO0-17
10
mA
IOL
Low-level output current
GPIO0-17
25
mA
TA
Operating free-air temperature
–40
85
°C
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TCA6418E


Similar Part No. - TCA6418E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6418EYFPR TI1-TCA6418EYFPR Datasheet
796Kb / 29P
[Old version datasheet]   I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
More results

Similar Description - TCA6418E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6418EYFPR TI1-TCA6418EYFPR Datasheet
796Kb / 29P
[Old version datasheet]   I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
logo
ON Semiconductor
FXL6408 ONSEMI-FXL6408 Datasheet
805Kb / 17P
   Fully Configurable 8-Bit I2C-Controlled GPIO Expander
October 2012 Rev. 1.0.0
logo
Exar Corporation
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1203 EXAR-XRA1203 Datasheet
472Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
logo
Rohm
BU1850MUV ROHM-BU1850MUV Datasheet
414Kb / 18P
   GPIO Expander IC
BU8272GUW ROHM-BU8272GUW Datasheet
391Kb / 18P
   GPIO Expander IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com