Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9534 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9534
Description  Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9534 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCA9534 Datasheet HTML 2Page - Texas Instruments TCA9534 Datasheet HTML 3Page - Texas Instruments TCA9534 Datasheet HTML 4Page - Texas Instruments TCA9534 Datasheet HTML 5Page - Texas Instruments TCA9534 Datasheet HTML 6Page - Texas Instruments TCA9534 Datasheet HTML 7Page - Texas Instruments TCA9534 Datasheet HTML 8Page - Texas Instruments TCA9534 Datasheet HTML 9Page - Texas Instruments TCA9534 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TCA9534
SCPS197A – SEPTEMBER 2014 – REVISED SEPTEMBER 2014
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
Ci
SCL
VI = VCC or GND
1.65 V to 5.5 V
4
5
pF
SDA
5.5
6.5
Cio
VIO = VCC or GND
1.65 V to 5.5 V
pF
P port
8
9.5
7.6 I
2C Interface Timing Requirements
over operating free-air temperature range (unless otherwise noted) (see Figure 9)
STANDARD MODE
FAST MODE
I2C BUS
I2C BUS
UNIT
MIN
MAX
MIN
MAX
fscl
0
100
0
400
kHz
I2C clock frequency
tsch
4
0.6
µs
I2C clock high time
tscl
4.7
1.3
µs
I2C clock low time
tsp
50
50
ns
I2C spike time
tsds
250
100
ns
I2C serial-data setup time
tsdh
0
0
ns
I2C serial-data hold time
ticr
1000
20
300
ns
I2C input rise time
ticf
300
20 × (VDD / 5.5 V)
300
ns
I2C input fall time
tocf
10-pF to 400-pF bus
300
20 × (VDD / 5.5 V)
300
ns
I2C output fall time
tbuf
4.7
1.3
µs
I2C bus free time between Stop and Start
tsts
4.7
0.6
µs
I2C Start or repeated Start condition setup
tsth
4
0.6
µs
I2C Start or repeated Start condition hold
tsps
4
0.6
µs
I2C Stop condition setup
tvd(data)
Valid data time
SCL low to SDA output valid
3.45
0.9
µs
ACK signal from SCL low to
tvd(ack)
Valid data time of ACK condition
3.45
0.9
µs
SDA (out) low
Cb
400
400
pF
I2C bus capacitive load
7.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted) (see Figure 10 and Figure 11)
STANDARD MODE
FAST MODE
FROM
TO
I2C BUS
I2C BUS
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tiv
Interrupt valid time
P port
INT
4
4
µs
tir
Interrupt reset delay time
SCL
INT
4
4
µs
tpv
Output data valid
SCL
P7–P0
350
350
ns
tps
Input data setup time
P port
SCL
100
100
ns
tph
Input data hold time
P port
SCL
1
1
µs
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TCA9534


Similar Part No. - TCA9534

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9534 TI1-TCA9534 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534ADWR TI1-TCA9534ADWR Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534ADWT TI1-TCA9534ADWT Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results

Similar Description - TCA9534

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A_16 Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554A TI1-TCA9554A_15 Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com