Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9535RGER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9535RGER
Description  Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9535RGER Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCA9535RGER Datasheet HTML 2Page - Texas Instruments TCA9535RGER Datasheet HTML 3Page - Texas Instruments TCA9535RGER Datasheet HTML 4Page - Texas Instruments TCA9535RGER Datasheet HTML 5Page - Texas Instruments TCA9535RGER Datasheet HTML 6Page - Texas Instruments TCA9535RGER Datasheet HTML 7Page - Texas Instruments TCA9535RGER Datasheet HTML 8Page - Texas Instruments TCA9535RGER Datasheet HTML 9Page - Texas Instruments TCA9535RGER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
TCA9535
SCPS201D – AUGUST 2009 – REVISED JULY 2016
www.ti.com
Product Folder Links: TCA9535
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
ICC
Quiescent current
Operating mode
VI = VCC or GND, IO = 0,
I/O = inputs, fSCL = 400 kHz,
No load
5.5 V
22
40
μA
3.6 V
11
30
2.7 V
8
19
1.95 V
5
11
Standby mode
VI = VCC, IO = 0, I/O = inputs,
fSCL = 0 kHz, No load
5.5 V
1.5
3.9
3.6 V
0.9
2.2
2.7 V
0.6
1.8
1.95 V
0.6
1.5
VI = GND, IO = 0, I/O =
inputs,
fSCL = 0 kHz, No load
5.5 V
1.5
8.7
3.6 V
0.9
4
2.7 V
0.6
3
1.95 V
0.4
2.2
CI
Input capacitance
SCL
VI = VCC or GND
1.65 V to 5.5 V
3
8
pF
Cio
Input-output pin
capacitance
SDA
VIO = VCC or GND
1.65 V to 5.5 V
3
9.5
pF
P port
VIO = VCC or GND
1.65 V to 5.5 V
3.7
9.5
6.6
I
2C Interface Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 20)
MIN
MAX
UNIT
I2C BUS—STANDARD MODE
fscl
I2C clock frequency
0
100
kHz
tsch
I2C clock high time
4
µs
tscl
I2C clock low time
4.7
µs
tsp
I2C spike time
50
ns
tsds
I2C serial-data setup time
250
ns
tsdh
I2C serial-data hold time
0
ns
ticr
I2C input rise time
1000
ns
ticf
I2C input fall time
300
ns
tocf
I2C output fall time
10-pF to 400-pF bus
300
ns
tbuf
I2C bus free time between stop and start
4.7
µs
tsts
I2C start or repeated start condition setup
4.7
µs
tsth
I2C start or repeated start condition hold
4
µs
tsps
I2C stop condition setup
4
µs
tvd(data)
Valid data time
SCL low to SDA output valid
3.45
µs
tvd(ack)
Valid data time of ACK condition
ACK signal from SCL low to
SDA (out) low
3.45
µs
Cb
I2C bus capacitive load
400
pF
I2C BUS—FAST MODE
fscl
I2C clock frequency
0
400
kHz
tsch
I2C clock high time
0.6
µs
tscl
I2C clock low time
1.3
µs
tsp
I2C spike time
50
ns
tsds
I2C serial-data setup time
100
ns
tsdh
I2C serial-data hold time
0
ns
ticr
I2C input rise time
20
300
ns


Similar Part No. - TCA9535RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9535RGER TI1-TCA9535RGER Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results

Similar Description - TCA9535RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9535 TI-TCA9535 Datasheet
780Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9535 TI1-TCA9535_17 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
PCA9535 TI-PCA9535 Datasheet
834Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com