Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9539RGER Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9539RGER
Description  Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9539RGER Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCA9539RGER Datasheet HTML 5Page - Texas Instruments TCA9539RGER Datasheet HTML 6Page - Texas Instruments TCA9539RGER Datasheet HTML 7Page - Texas Instruments TCA9539RGER Datasheet HTML 8Page - Texas Instruments TCA9539RGER Datasheet HTML 9Page - Texas Instruments TCA9539RGER Datasheet HTML 10Page - Texas Instruments TCA9539RGER Datasheet HTML 11Page - Texas Instruments TCA9539RGER Datasheet HTML 12Page - Texas Instruments TCA9539RGER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
5
10
15
20
25
30
35
D005
VCC = 1.8 V
-40 °C
25 °C
85 °C
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
10
20
30
40
50
60
D006
VCC = 2.5 V
-40 °C
25 °C
85 °C
VCC - Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
30
D003
-40 °C
25 °C
85 °C
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
5
10
15
20
25
30
D004
VCC = 1.65 V
-40 °C
25 °C
85 °C
TA - Temperature (°C)
-40
-15
10
35
60
85
0
4
8
12
16
20
24
28
32
36
40
D001
Vcc = 1.65 V
Vcc = 1.8 V
Vcc = 2.5 V
Vcc = 3.3 V
Vcc = 3.6 V
Vcc = 5 V
Vcc = 5.5V
TA - Temperature (°C)
-40
-15
10
35
60
85
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
D002
Vcc = 1.65 V
Vcc = 1.8 V
Vcc = 2.5 V
Vcc = 3.3 V
Vcc = 3.6 V
Vcc = 5 V
Vcc = 5.5V
9
TCA9539
www.ti.com
SCPS202C – OCTOBER 2009 – REVISED MAY 2016
Product Folder Links: TCA9539
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
6.9 Typical Characteristics
TA = 25°C (unless otherwise noted)
Figure 1. Supply Current vs Temperature for Different
Supply Voltage (VCC)
Figure 2. Standby Supply Current vs Temperature for
Different Supply Voltage (VCC)
Figure 3. Supply Current vs Supply Voltage for Different
Temperature (TA)
Figure 4. I/O Sink Current vs Output Low Voltage for
Different Temperature (TA) for VCC = 1.65 V
Figure 5. I/O Sink Current vs Output Low Voltage for
Different Temperature (TA) for VCC = 1.8 V
Figure 6. I/O Sink Current vs Output Low Voltage for
Different Temperature (TA) for VCC = 2.5 V


Similar Part No. - TCA9539RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9539RTWR TI-TCA9539RTWR Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA9539RTWR TI1-TCA9539RTWR Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
More results

Similar Description - TCA9539RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9539-Q1 TI1-TCA9539-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9535 TI1-TCA9535_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com