Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9555 Datasheet(PDF) 4 Page - Texas Instruments

Part # TCA9555
Description  Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9555 Datasheet(HTML) 4 Page - Texas Instruments

  TCA9555_16 Datasheet HTML 1Page - Texas Instruments TCA9555_16 Datasheet HTML 2Page - Texas Instruments TCA9555_16 Datasheet HTML 3Page - Texas Instruments TCA9555_16 Datasheet HTML 4Page - Texas Instruments TCA9555_16 Datasheet HTML 5Page - Texas Instruments TCA9555_16 Datasheet HTML 6Page - Texas Instruments TCA9555_16 Datasheet HTML 7Page - Texas Instruments TCA9555_16 Datasheet HTML 8Page - Texas Instruments TCA9555_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
INT
A1
A2
P00
P01
P02
P03
P04
P05
P06
P07
GND
V
CC
SDA
SCL
A0
P17
P16
P15
P14
P13
P12
P11
P10
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
A0
P17
P16
P15
P14
P13
24
22
21
20
19
23
7
9
10
11
12
8
P00
P01
P02
P03
P04
P05
1
2
3
4
5
6
18
17
16
15
14
13
Exposed
Center
Pad
4
TCA9555
SCPS200D – JULY 2009 – REVISED JULY 2016
www.ti.com
Product Folder Links: TCA9555
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
DB, PW Package
24-Pin TSSOP
Top View
RTW, RGE Package
24-Pin WQFN, VQFN with Exposed Thermal Pad
Top View
The exposed center pad, if used, must be
connected as a secondary ground or left
electrically open.
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
DB, PW
RTW,
RGE
A0
21
18
Input
Address input 0. Connect directly to VCC or ground
A1
2
23
Input
Address input 1. Connect directly to VCC or ground
A2
3
24
Input
Address input 2. Connect directly to VCC or ground
GND
12
9
GND
Ground
INT
1
22
Output
Interrupt output. Connect to VCC through a pull-up resistor
P00
4
1
I/O
P-port I/O. Push-pull design structure. At power on, P00 is configured as an input
P01
5
2
I/O
P-port I/O. Push-pull design structure. At power on, P01 is configured as an input
P02
6
3
I/O
P-port I/O. Push-pull design structure. At power on, P02 is configured as an input
P03
7
4
I/O
P-port I/O. Push-pull design structure. At power on, P03 is configured as an input
P04
8
5
I/O
P-port I/O. Push-pull design structure. At power on, P04 is configured as an input
P05
9
6
I/O
P-port I/O. Push-pull design structure. At power on, P05 is configured as an input
P06
10
7
I/O
P-port I/O. Push-pull design structure. At power on, P06 is configured as an input
P07
11
8
I/O
P-port I/O. Push-pull design structure. At power on, P07 is configured as an input
P10
13
10
I/O
P-port I/O. Push-pull design structure. At power on, P10 is configured as an input
P11
14
11
I/O
P-port I/O. Push-pull design structure. At power on, P11 is configured as an input
P12
15
12
I/O
P-port I/O. Push-pull design structure. At power on, P12 is configured as an input
P13
16
13
I/O
P-port I/O. Push-pull design structure. At power on, P13 is configured as an input
P14
17
14
I/O
P-port I/O. Push-pull design structure. At power on, P14 is configured as an input
P15
18
15
I/O
P-port I/O. Push-pull design structure. At power on, P15 is configured as an input
P16
19
16
I/O
P-port I/O. Push-pull design structure. At power on, P16 is configured as an input
P17
20
17
I/O
P-port I/O. Push-pull design structure. At power on, P17 is configured as an input
SCL
22
19
Input
Serial clock bus. Connect to VCC through a pull-up resistor
SDA
23
20
Input
Serial data bus. Connect to VCC through a pull-up resistor
VCC
24
21
Supply
Supply voltage


Similar Part No. - TCA9555_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9555PWR TI-TCA9555PWR Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9555RTWR TI-TCA9555RTWR Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - TCA9555_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9535 TI1-TCA9535_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9535 TI-TCA9535 Datasheet
780Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com