Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9546APWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9546APWR
Description  Low Voltage 4-Channel I2C and SMBus Switch with Reset Function
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9546APWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TCA9546APWR Datasheet HTML 7Page - Texas Instruments TCA9546APWR Datasheet HTML 8Page - Texas Instruments TCA9546APWR Datasheet HTML 9Page - Texas Instruments TCA9546APWR Datasheet HTML 10Page - Texas Instruments TCA9546APWR Datasheet HTML 11Page - Texas Instruments TCA9546APWR Datasheet HTML 12Page - Texas Instruments TCA9546APWR Datasheet HTML 13Page - Texas Instruments TCA9546APWR Datasheet HTML 14Page - Texas Instruments TCA9546APWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
SDA
SCL
Data Line
Stable;
Data Valid
Change
of Data
Allowed
TCA9546A
www.ti.com
SCPS205A – APRIL 2014 – REVISED FEBRUARY 2015
9.3 Feature Description
The TCA9546A is a 4-channel, bidirectional translating switch for I2C buses that supports Standard-Mode (100
kHz) and Fast-Mode (400 kHz) operation. The TCA9546A features I2C control using a single 8-bit control register
in which the four least significant bits control the enabling and disabling of the 4 switch channels of I2C data flow.
Depending on the application, voltage translation of the I2C bus can also be achieved using the TCA9546A to
allow 1.8-V, 2.5-V, or 3.3-V parts to communicate with 5-V parts. Additionally, in the event that communication on
the I2C bus enters a fault state, the TCA9546A can be reset to resume normal operation using the RESET pin
feature or by a power-on reset which results from cycling power to the device.
9.4 Device Functional Modes
9.4.1
RESET Input
The RESET input is an active-low signal that may be used to recover from a bus-fault condition. When this signal
is asserted low for a minimum of tWL, the TCA9546A resets its registers and I
2C state machine and deselects all
channels. The RESET input must be connected to VCC through a pull-up resistor.
9.4.2 Power-On Reset
When power is applied to VCC, an internal power-on reset holds the TCA9546A in a reset condition until VCC has
reached VPOR. At this point, the reset condition is released, and the TCA9546A registers and I
2C state machine
are initialized to their default states, all zeroes, causing all the channels to be deselected. Thereafter, VCC must
be lowered below V POR to reset the device.
9.5 Programming
9.5.1 I2C Interface
The I2C bus is for two-way two-line communication between different ICs or modules. The two lines are a serial
data line (SDA) and a serial clock line (SCL). Both lines must be connected to a positive supply via a pullup
resistor when connected to the output stages of a device. Data transfer can be initiated only when the bus is not
busy.
One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the high
period of the clock pulse, as changes in the data line at this time are interpreted as control signals (see Figure 7).
Figure 7. Bit Transfer
Both data and clock lines remain high when the bus is not busy. A high-to-low transition of the data line while the
clock is high is defined as the start condition (S). A low-to-high transition of the data line while the clock is high is
defined as the stop condition (P) (see Figure 8).
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TCA9546A


Similar Part No. - TCA9546APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9543A TI1-TCA9543A Datasheet
1Mb / 32P
[Old version datasheet]   TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
TCA9543ADR TI1-TCA9543ADR Datasheet
1Mb / 32P
[Old version datasheet]   TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
TCA9543APWR TI1-TCA9543APWR Datasheet
1Mb / 32P
[Old version datasheet]   TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
TCA9543A TI1-TCA9543A_15 Datasheet
1Mb / 32P
[Old version datasheet]   TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
TCA9544A TI1-TCA9544A Datasheet
892Kb / 29P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
More results

Similar Description - TCA9546APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9546A TI-PCA9546A_1 Datasheet
1,020Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546A TI-PCA9546A_2 Datasheet
933Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546A TI-PCA9546A_3 Datasheet
1Mb / 29P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546A TI-PCA9546A Datasheet
1Mb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
[Old version datasheet]   Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
TCA9548A TI1-TCA9548A_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Voltage 8-Channel I2C Switch with Reset
TCA9548A TI1-TCA9548A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Voltage 8-Channel I2C Switch With Reset
logo
NXP Semiconductors
PCA9546 PHILIPS-PCA9546 Datasheet
139Kb / 17P
   4-channel I2C switch with reset
2004 Sep 30
logo
Texas Instruments
TCA9548A TI1-TCA9548A Datasheet
586Kb / 22P
[Old version datasheet]   LOW VOLTAGE 8-CHANNEL I2C SWITCH WITH RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com