Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN1042-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TCAN1042-Q1
Description  Automotive Fault Protected CAN Transceiver with CAN FD
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TCAN1042-Q1_16 Datasheet HTML 1Page - Texas Instruments TCAN1042-Q1_16 Datasheet HTML 2Page - Texas Instruments TCAN1042-Q1_16 Datasheet HTML 3Page - Texas Instruments TCAN1042-Q1_16 Datasheet HTML 4Page - Texas Instruments TCAN1042-Q1_16 Datasheet HTML 5Page - Texas Instruments TCAN1042-Q1_16 Datasheet HTML 6Page - Texas Instruments TCAN1042-Q1_16 Datasheet HTML 7Page - Texas Instruments TCAN1042-Q1_16 Datasheet HTML 8Page - Texas Instruments TCAN1042-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
6
7
TSD
UVP
Mode
Select
4
8
Logic
Output
TXD
STB
RXD
CANH
CANL
GND
5
NC or VIO
3
VCC
1
2
VCC or VIO
VCC or VIO
Dominant
time-out
VCC or VIO
WUP
Monitor
MUX
Low Power Receiver
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TCAN1042-Q1, TCAN1042V-Q1, TCAN1042H-Q1
TCAN1042HV-Q1, TCAN1042G-Q1, TCAN1042GV-Q1
TCAN1042HG-Q1, TCAN1042HGV-Q1
SLLSES9A – FEBRUARY 2016 – REVISED MAY 2016
TCAN1042-Q1 Automotive Fault Protected CAN Transceiver with CAN FD
1
1 Features
1
AEC Q100: Qualified for Automotive Applications
Meets the December 17th, 2015 Draft of ISO
11898-2 Physical Layer Update
Meets the Released ISO 11898-2:2007 and ISO
11898-2:2003 Physical Layer Standards
'Turbo' CAN:
All devices support 2 Mbps CAN FD (Flexible
Data Rate) and "G" options support 5 Mbps
Short and Symmetrical Propagation Delay
Times and Fast Loop Times for Enhanced
Timing Margin
Higher Data Rates in Loaded CAN Networks
I/O Voltage Range Supports 3.3 V and 5 V MCUs
Ideal Passive Behavior When Unpowered
Bus and Logic Terminals are High Impedance
(no load)
Power Up/Down With Glitch Free Operation
On Bus and RXD Output
Protection Features
HBM ESD Protection: ±16 kV
IEC ESD Protection up to ±15 kV
Bus Fault Protection: ±58 V (non-H variants)
and ±70 V (H variants)
Undervoltage Protection on VCC and VIO (V
variants only) Supply Terminals
Driver Dominant Time Out (TXD DTO) - Data
rates down to 10 kbps
Thermal Shutdown Protection (TSD)
Receiver Common Mode Input Voltage: ±30 V
Typical Loop Delay: 110 ns
Junction Temperatures from –55°C to 150°C
2 Applications
All devices support highly loaded CAN networks
Heavy Machinery ISO11783 Applications
Automotive and Transportation
3 Description
This CAN transceiver family meets the ISO11898-2
(2016) High Speed CAN (Controller Area Network)
physical layer standard. All devices are designed for
use in CAN FD networks up to 2 Mbps (megabits per
second). Devices with part numbers that include the
"G" suffix are designed for data rates up to 5 Mbps,
and versions with the "V" have a secondary power
supply input for I/O level shifting the input pin
thresholds and RXD output level. This family has a
low power standby mode with remote wake request
feature.
Additionally,
all
devices
include
many
protection features to enhance device and network
robustness.
Device Information
ORDER NUMBER
PACKAGE
BODY SIZE
TCAN1042x-Q1
SOIC (8)
4.90 mm × 3.91 mm
VSON (8)
3.00 mm x 3.00 mm
Functional Block Diagram
A.
Terminal 5 function is device dependent;
NC on devices without the "V" suffix, and
VIO for I/O level shifting for devices with the
"V" suffix.
B.
RXD logic output is driven to VCC on
devices without the "V" suffix, and VIO for
devices with the "V" suffix.


Similar Part No. - TCAN1042-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Similar Description - TCAN1042-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1046-Q1 TI-TCAN1046-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TCAN1046-Q1 Automotive Fault-Protected Dual CAN FD Transceiver with Standby Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com