Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCI6636K2H Datasheet(PDF) 3 Page - Texas Instruments

Part # TCI6636K2H
Description  Multicore DSPARM KeyStone II System-on-Chip (SoC)
Download  362 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCI6636K2H Datasheet(HTML) 3 Page - Texas Instruments

  TCI6636K2H Datasheet HTML 1Page - Texas Instruments TCI6636K2H Datasheet HTML 2Page - Texas Instruments TCI6636K2H Datasheet HTML 3Page - Texas Instruments TCI6636K2H Datasheet HTML 4Page - Texas Instruments TCI6636K2H Datasheet HTML 5Page - Texas Instruments TCI6636K2H Datasheet HTML 6Page - Texas Instruments TCI6636K2H Datasheet HTML 7Page - Texas Instruments TCI6636K2H Datasheet HTML 8Page - Texas Instruments TCI6636K2H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 362 page
background image
Multicore DSP+ARM KeyStone II System-on-Chip (SoC)
Copyright 2013 Texas Instruments Incorporated
TCI6636K2H Features and Description
3
SPRS835F—October 2013
TCI6636K2H
Submit Documentation Feedback
The TCI6636K2H contains many wireless basestation coprocessors to offload the bulk of the processing demands
of layer 1 and layer 2 basestation processing. This keeps the cores free for receiver algorithms and other
differentiating functions. The SoC contains multiple copies of key coprocessors such as the FFTC and TCP3d. A key
coprocessor for enabling high data rates is the Bit Rate Coprocessor (BCP), which handles the entire downlink
bit-processing chain and much of the receive bit processing. The architectural elements of the SoC (Multicore
Navigator) ensure that all the bits are processed without any CPU intervention or overhead, allowing the system to
make optimal use of its resources.
TI's scalable multicore SoC architecture solutions provide developers with a range of software-compatible and
hardware-compatible devices to minimize development time and maximize reuse across all basestation platforms
from Femto to Macro.
The TCI6636K2H device has a complete set of development tools that includes: a C compiler, an assembly optimizer
to simplify programming and scheduling, and a Windows debugger interface for visibility into source code
execution.
1.5 Enhancements in KeyStone II
The KeyStone II architecture provides many major enhancements over the previous KeyStone I generation of
devices. The KeyStone II architecture integrates an ARM Cortex-A15 processor quad-core cluster to enable Layer 2
(MAC/RLC) and higher layer processing. The number of DSP cores and FFTC accelerators has been doubled for 2×
improvement in Layer 1 processing. The external memory bandwidth has been doubled with the integration of dual
DDR3 1600 EMIFs. MSMC internal memory bandwidth is quadrupled with MSMC V2 architecture improvements.
Multicore Navigator supports 2× the number of queues, descriptors and packet DMA, 4× the number of micro RISC
engines and a significant increase in the number of push/pops per second, compared to the previous generation. The
new peripherals that have been added include the USB 3.0 controller, USIM interface controller, and Asynchronous
EMIF controller for NAND/NOR memory access. The 2-port Gigabit Ethernet switch in KeyStone I has been
replaced with a 4-port Gigabit Ethernet switch in KeyStone II. Time synchronization support has been enhanced to
reduce software workload and support additional standards like IEEE1588 Annex D/E and SyncE. The number of
GPIOs and serial interface peripherals like I
2C and SPI have been increased to enable more board level control
functionality.


Similar Part No. - TCI6636K2H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCI6630K2L TI1-TCI6630K2L Datasheet
1Mb / 298P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip
TCI6630K2LCMSA TI1-TCI6630K2LCMSA Datasheet
1Mb / 298P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip
TCI6638K2K TI1-TCI6638K2K Datasheet
2Mb / 335P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip
TCI6638K2KBXAAW2 TI1-TCI6638K2KBXAAW2 Datasheet
2Mb / 335P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip
More results

Similar Description - TCI6636K2H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2G12_1806 TI1-66AK2G12_1806 Datasheet
2Mb / 233P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_17 Datasheet
8Mb / 355P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_16 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_18 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G02 TI1-66AK2G02_16 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_19 Datasheet
2Mb / 232P
[Old version datasheet]   Multicore DSPArm KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12 Datasheet
2Mb / 231P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2E05 TI1-66AK2E05_16 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com