Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN1051HGV-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN1051HGV-Q1
Description  Automotive Fault Protected CAN Transceiver with CAN FD
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1051HGV-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCAN1051HGV-Q1 Datasheet HTML 3Page - Texas Instruments TCAN1051HGV-Q1 Datasheet HTML 4Page - Texas Instruments TCAN1051HGV-Q1 Datasheet HTML 5Page - Texas Instruments TCAN1051HGV-Q1 Datasheet HTML 6Page - Texas Instruments TCAN1051HGV-Q1 Datasheet HTML 7Page - Texas Instruments TCAN1051HGV-Q1 Datasheet HTML 8Page - Texas Instruments TCAN1051HGV-Q1 Datasheet HTML 9Page - Texas Instruments TCAN1051HGV-Q1 Datasheet HTML 10Page - Texas Instruments TCAN1051HGV-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
TCAN1051-Q1, TCAN1051V-Q1, TCAN1051H-Q1
TCAN1051HV-Q1, TCAN1051G-Q1, TCAN1051GV-Q1
TCAN1051HG-Q1, TCAN1051HGV-Q1
www.ti.com
SLLSET0B – MARCH 2016 – REVISED MAY 2016
Product Folder Links: TCAN1051-Q1 TCAN1051V-Q1 TCAN1051H-Q1 TCAN1051HV-Q1 TCAN1051G-Q1
TCAN1051GV-Q1 TCAN1051HG-Q1 TCAN1051HGV-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended operating conditions, TA = –55°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
(2)
For the bus output voltage (recessive) will be the same if the device is in Normal mode with S terminal LOW or if the device is in Silent
mode with the S terminal is HIGH.
RXD TERMINAL (CAN RECEIVE DATA OUTPUT)
VOH
High-level output voltage
Devices with the "V" suffix (I/O level-
shifting), See Figure 6, IO = –2 mA
0.8 × VIO
V
Devices without the "V" suffix (5-V only),
See Figure 6, IO = –2 mA
4
4.6
VOL
Low-level output voltage
Devices with the "V" suffix (I/O level-
shifting), See Figure 6, IO = +2 mA
0.2 x VIO
Devices without the "V" suffix (5-V only),
See Figure 6, IO = +2 mA
0.2
0.4
Ilkg(OFF)
Unpowered leakage current
RXD = 5.5 V, VCC = 0 V, VIO = 0 V
–1
0
1
µA
DRIVER ELECTRICAL CHARACTERISTICS
VO(DOM)
Bus output voltage
(dominant
CANH
See Figure 13 and Figure 5, TXD = 0 V, S =
0 V, 50
Ω ≤ RL ≤ 65 Ω, CL = open, RCM =
open
2.75
4.5
V
CANL
0.5
2.25
VO(REC)
Bus output voltage
(recessive)
CANH and CANL
See Figure 13 and Figure 5, TXD = VCC, VIO
= VCC, S = VCC or 0 V
(2), R
L = open (no
load), RCM = open
2
0.5 × VCC
3
VOD(DOM)
Differential output
voltage (dominant)
CANH - CANL
See Figure 13 and Figure 5, TXD = 0 V, S =
0 V, 45
Ω ≤ RL < 50 Ω, CL = open, RCM =
open
1.4
3
See Figure 13 and Figure 5, TXD = 0 V, S =
0 V, 50
Ω ≤ RL ≤ 65 Ω, CL = open, RCM =
open
1.5
3
See Figure 13 and Figure 5, TXD = 0 V, S =
0 V, RL = 2240 Ω, CL = open, RCM = open
1.5
5
VOD(REC)
Differential output
voltage (recessive)
CANH - CANL
See Figure 13 and Figure 5, TXD = VCC, S
= 0 V, RL = 60 Ω, CL = open, RCM = open
–120
12
mV
See Figure 13 and Figure 5, TXD = VCC, S
= 0 V, RL = open (no load), CL = open, RCM
= open
–50
50
VSYM
Output symmetry (dominant or recessive)
(VCC – VO(CANH) – VO(CANL))
See Figure 13 and Figure 5, S at 0 V, RL =
60
Ω, CL = open, RCM = open
–0.4
0.4
V
IOS(SS_DOM)
Short-circuit steady-state output current,
dominant
See Figure 13 and Figure 11, VCANH = -5 V,
CANL = open, TXD = 0 V
–100
mA
See Figure 13 and Figure 11, VCANL = 40 V,
CANH = open, TXD = 0 V
100
IOS(SS_REC)
Short-circuit steady-state output current,
recessive
See Figure 13 and Figure 11, –27 V
≤ VBUS
≤ 32 V, Where VBUS = CANH = CANL, TXD
= VCC, all modes
–5
5
mA


Similar Part No. - TCAN1051HGV-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1051HGV-Q1 TI1-TCAN1051HGV-Q1 Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051HGV-Q1 TI1-TCAN1051HGV-Q1 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Similar Description - TCAN1051HGV-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1046-Q1 TI-TCAN1046-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TCAN1046-Q1 Automotive Fault-Protected Dual CAN FD Transceiver with Standby Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com