Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM1520ADR Datasheet(PDF) 1 Page - Texas Instruments

Part # TCM1520ADR
Description  RING DETECTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM1520ADR Datasheet(HTML) 1 Page - Texas Instruments

  TCM1520ADR Datasheet HTML 1Page - Texas Instruments TCM1520ADR Datasheet HTML 2Page - Texas Instruments TCM1520ADR Datasheet HTML 3Page - Texas Instruments TCM1520ADR Datasheet HTML 4Page - Texas Instruments TCM1520ADR Datasheet HTML 5Page - Texas Instruments TCM1520ADR Datasheet HTML 6Page - Texas Instruments TCM1520ADR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TCM1520A
RING DETECTOR
SCTS005B − OCTOBER 1984 − REVISED DECEMBER 1990
Copyright
1990, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
On-Chip 150-V Bridge Diode Configuration
Reliable BIDFETTechnology
High Standby Impedance ...1 MΩ Typ
Efficient High-Voltage Operation
Output Compatible With TTL, NMOS, and
CMOS
Built-In 5-V Series Regulator
Built-In Lightning and Transient Protection
description
The TCM1520A is a monolithic ring-detection
integrated circuit designed for use in isolated or
nonisolated telephone applications. The device
uses a modified form of the Texas Instruments
BIDFETtechnology to combine low-voltage
CMOS and high-voltage bipolar input/output
circuitry. It features efficient high-voltage (40 V to
150 V) operation with a typical current drain of
1 mA.
During
standby,
the
input
impedance
is
approximately 1 M
Ω or greater, which prevents
any interference with parallel off-hook telephones
transmitting DTMF or voice frequencies. The
device achieves this high input impedance with an
on-chip series zener diode that does not conduct
until the voltage across AC INPUT (pins 1 and 8)
exceeds 8 V. When the voltage across pins 1 and
8 exceeds 18 V, the internal switch is closed, which bypasses the 6.8-V zener diode series resistor. This allows
more efficient power transfer to the load when the device is in the operating mode. In the operating mode, the
impedance of the device varies from 30 k
Ω to 7 kΩ over the ring signal of 40 V at 16 Hz to 150 V at 68 Hz and
is reasonably independent of the output load.
In typical telephone applications, the TCM1520A is activated through the telephone line by a ring voltage of 40 V
at 16 Hz to 150 V at 68 Hz. The TCM1520A generates a signal suitable to drive an optocoupler or TTL, NMOS,
or CMOS logic. The 5-V OUTPUT can be used as a supply source for optocouplers or low-power logic. This
output is noninverting and is at a high level during ringing.
The TCM1520A incorporates lightning and transient protection that is designed to withstand lightning strikes
of 1.5-kV amplitude and 200-
µs duration and also features built-in circuitry to avoid tapping or false triggering
due to transients.
Caution. These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive
foam during storage or handling to prevent electrostatic damage to the MOS gates.
† BIDFET − Bipolar, double-diffused, N-channel and P-channel MOS transistors on same chip. This is a patented process.
1
2
3
4
8
7
6
5
AC INPUT
INVERTING OUTPUT
COMMON
5-V OUTPUT
AC INPUT
COMMON
C FILTER
BELL TAPPING SENSE
D OR P PACKAGE
(TOP VIEW)
TCM1520A APPLICATION
Phone Line
AC Ring
Signal
TCM1520A
Electronic Telephone
or Accessory
TTL /NMOS/CMOS
Microprocessor
AVAILABLE OPTIONS
PACKAGE
SMALL OUTLINE
(D)‡
PLASTIC DIP
(P)
TCM1520AD
TCM1520AP
−40
°C to 85°C
TA
‡ The D package is available taped and reeled with suffix R
added to the device type (i.e., TCM1520ADR).
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TCM1520ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM1520AD TI-TCM1520AD Datasheet
100Kb / 7P
[Old version datasheet]   RING DETECTOR
More results

Similar Description - TCM1520ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM1520A TI-TCM1520A Datasheet
100Kb / 7P
[Old version datasheet]   RING DETECTOR
logo
International Rectifier
PVO402AP IRF-PVO402AP Datasheet
90Kb / 6P
   Single Pole, Normally Open Ring Detector
logo
Motorola, Inc
MC145447 MOTOROLA-MC145447 Datasheet
309Kb / 6P
   CALLING LINE IDENTIFICATION(CLID) RECEIVER WITH RING DETECTOR
MC14LC5447 MOTOROLA-MC14LC5447 Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
logo
JFW Industries, Inc.
50D-052 JFW-50D-052_17 Datasheet
27Kb / 1P
   DETECTOR
75D-010 JFW-75D-010_17 Datasheet
26Kb / 1P
   DETECTOR
50D-050 JFW-50D-050_17 Datasheet
26Kb / 1P
   DETECTOR
75D-009 JFW-75D-009_17 Datasheet
26Kb / 1P
   DETECTOR
50D-052 JFW-50D-052 Datasheet
26Kb / 1P
   DETECTOR
75D-009 JFW-75D-009 Datasheet
26Kb / 1P
   DETECTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com