Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM8002IFR Datasheet(PDF) 7 Page - Texas Instruments

Part # TCM8002IFR
Description  DATA PROCESSOR FOR CELLULAR TELEPHONE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM8002IFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCM8002IFR Datasheet HTML 3Page - Texas Instruments TCM8002IFR Datasheet HTML 4Page - Texas Instruments TCM8002IFR Datasheet HTML 5Page - Texas Instruments TCM8002IFR Datasheet HTML 6Page - Texas Instruments TCM8002IFR Datasheet HTML 7Page - Texas Instruments TCM8002IFR Datasheet HTML 8Page - Texas Instruments TCM8002IFR Datasheet HTML 9Page - Texas Instruments TCM8002IFR Datasheet HTML 10Page - Texas Instruments TCM8002IFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TCM8002
DATA PROCESSOR FOR CELLULAR TELEPHONE
SLWS008C − SEPTEMBER 1994 − REVISED JUNE 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating conditions, VDD = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = − 2 mA
VDD −0.8
V
VOL
Low-level output voltage
IOL = 2 mA
0.5
V
VIT +
Positive-going input threshold voltage
0.7 VDD
V
VIT −
Negative-going input threshold voltage
0.2 VDD
V
Vhys
Hysteresis (VIT + − VIT −)
0.1 VDD
0.3 VDD
V
IOZ
High-impedance output current
VI = VDD or VSS
±10
µA
IIL
Low-level input current
VI = VSS
−1
µA
IIH
High-level input current
VI = VDD
1
µA
IO
Pullup output current
VI = VSS
− 7.2
− 14.84
− 24.47
µA
Default mode
3.6
IDD
Supply current with 2.56-MHz crystal
Low-power mode
2.8
mA
IDD
Supply current with 2.56-MHz crystal
Low-power mode, SAT off
2.5
mA
timing requirements over recommended ranges of operating conditions (see Figure 1)
MIN
MAX
UNIT
tsu1
Setup time, CS low before DCLK
300
ns
th1
Hold time, CS low after DCLK
300
ns
tsu2
Setup time, DATAIN before DCLK
300
ns
th2
Hold time, DATAIN after DCLK
300
ns
tc
DCLK clock period (nominal)
1
µs
tc(er)
DCLK clock period, Read start bit − Event Register
2
µs
tc(or)
DCLK clock period, Read start bit − Other Register
1
µs
Period that CS must be high between read or write operations
100
ns


Similar Part No. - TCM8002IFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM8002 TI-TCM8002 Datasheet
322Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
TCM8002FR TI-TCM8002FR Datasheet
322Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
More results

Similar Description - TCM8002IFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM8002 TI-TCM8002 Datasheet
322Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
NXP Semiconductors
UMA1002 PHILIPS-UMA1002 Datasheet
172Kb / 36P
   Data processor for cellular radio DPROC2
1997 Jan 28
logo
Mitsumi Electronics, Co...
CAM-E87 MITSUMI-CAM-E87 Datasheet
71Kb / 2P
   Interface Connectors for Cellular Telephone
KB-H03 MITSUMI-KB-H03 Datasheet
60Kb / 2P
   Interface Connectors for Cellular Telephone
KB-F99 MITSUMI-KB-F99 Datasheet
74Kb / 2P
   Interface Connectors for Cellular Telephone
logo
NEC
UPD9930 NEC-UPD9930 Datasheet
336Kb / 78P
   LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
logo
Panasonic Semiconductor
AN6096FHN PANASONIC-AN6096FHN Datasheet
71Kb / 6P
   Transmission and reception IC for cellular telephone
logo
New Japan Radio
NJU7087 NJRC-NJU7087 Datasheet
51Kb / 4P
   Sound Enhancement Processor For Telephone
logo
List of Unclassifed Man...
FF1842M50-LS72 ETC-FF1842M50-LS72 Datasheet
47Kb / 3P
   1842.50 MHz SAW Filter for cellular telephone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com