Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN330DCNR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN330DCNR
Description  3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN330DCNR Datasheet(HTML) 4 Page - Texas Instruments

  TCAN330DCNR Datasheet HTML 1Page - Texas Instruments TCAN330DCNR Datasheet HTML 2Page - Texas Instruments TCAN330DCNR Datasheet HTML 3Page - Texas Instruments TCAN330DCNR Datasheet HTML 4Page - Texas Instruments TCAN330DCNR Datasheet HTML 5Page - Texas Instruments TCAN330DCNR Datasheet HTML 6Page - Texas Instruments TCAN330DCNR Datasheet HTML 7Page - Texas Instruments TCAN330DCNR Datasheet HTML 8Page - Texas Instruments TCAN330DCNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
TXD
1
2
3
4
6
5
8
7
GND
VCC
RXD
FAULT
CANL
CANH
S
TXD
1
2
3
4
6
5
8
7
GND
RXD
NC
CANL
CANH
NC
V
CC
TXD
1
2
3
4
6
5
8
7
GND
VCC
RXD
SHDN
CANL
CANH
STB
TXD
1
2
3
4
6
5
8
7
GND
VCC
RXD
SHDN
CANL
CANH
S
4
TCAN330, TCAN332, TCAN334, TCAN337
TCAN330G, TCAN332G, TCAN334G, TCAN337G
SLLSEQ7D – DECEMBER 2015 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TCAN330 TCAN332 TCAN334 TCAN337 TCAN330G TCAN332G TCAN334G TCAN337G
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7 Pin Configuration and Functions
TCAN330 D, DCN Packages
8-Pin SOIC, SOT-23
Top View
TCAN332 D, DCN Packages
8-Pin SOIC, SOT-23
Top View
TCAN334 D, DCN Packages
8-Pin SOIC, SOT-23
Top View
TCAN337 D, DCN Packages
8-Pin SOIC, SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TCAN330
TCAN332
TCAN334
TCAN337
TXD
1
1
1
1
I
CAN transmit data input (LOW for dominant and HIGH for recessive bus states),
integrated pull up
GND
2
2
2
2
GND
Ground connection
VCC
3
3
3
3
Supply
3.3-V supply voltage
RXD
4
4
4
4
O
CAN receive data output (LOW for dominant and HIGH for recessive bus
states), tri-state
SHDN
5
5
I
Drive high for shutdown mode. Internal pull-down.
NC
5
NC
No Connect – Not internally connected
FAULT
5
O
Open drain fault output pin.
CANL
6
6
6
6
I/O
Low level CAN bus line
CANH
7
7
7
7
I/O
High level CAN bus line
S
8
8
I
Drive high for silent mode, integrated pull down
NC
8
NC
No Connect – Not internally connected
STB
8
I
Drive high for low power standby mode, integrated pull down


Similar Part No. - TCAN330DCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN330DCNR TI1-TCAN330DCNR Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
More results

Similar Description - TCAN330DCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com