Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB080C10Q8-0-T3-G Datasheet(PDF) 9 Page - Cystech Electonics Corp.

Part # MTB080C10Q8-0-T3-G
Description  N- and P-channel enhancement mode power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB080C10Q8-0-T3-G Datasheet(HTML) 9 Page - Cystech Electonics Corp.

Back Button MTB080C10Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 10Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 11Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 12Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C703Q8
Issued Date : 2016.07.22
Revised Date :
Page No. : 9/12
MTB080C10Q8
CYStek Product Specification
Typical Characteristics(Cont.) : Q2(P-channel)
Typical Transfer Characteristics
0
2
4
6
8
01
23
45
-VGS, Gate-Source Voltage(V)
VDS=-10V
Single Pulse Power Rating, Junction to Ambient
(Note on page 2)
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Pulse Width(s)
TJ(MAX)=150°C
TA=25°C
RθJA=78°C/W
Transient Thermal Response Curves
0.001
0.01
0.1
1
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJA(t)=r(t)*RθJA
2.Duty Factor, D=t1/t2
3.TJM-TA=PDM*RθJA(t)
4.RθJA=78°C/W


Similar Part No. - MTB080C10Q8-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB080N15J3 CYSTEKEC-MTB080N15J3 Datasheet
416Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
MTB080N15J3-0-T3-G CYSTEKEC-MTB080N15J3-0-T3-G Datasheet
416Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
MTB080P06J3 CYSTEKEC-MTB080P06J3 Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06J3-0-T3-G CYSTEKEC-MTB080P06J3-0-T3-G Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06L3 CYSTEKEC-MTB080P06L3 Datasheet
476Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB080C10Q8-0-T3-G

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com