Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM75-SERIES Datasheet(PDF) 5 Page - ELM Technology Corporation

Part # ELM75-SERIES
Description  CMOS Small package voltage detector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM75-SERIES Datasheet(HTML) 5 Page - ELM Technology Corporation

  ELM75-SERIES Datasheet HTML 1Page - ELM Technology Corporation ELM75-SERIES Datasheet HTML 2Page - ELM Technology Corporation ELM75-SERIES Datasheet HTML 3Page - ELM Technology Corporation ELM75-SERIES Datasheet HTML 4Page - ELM Technology Corporation ELM75-SERIES Datasheet HTML 5Page - ELM Technology Corporation ELM75-SERIES Datasheet HTML 6Page - ELM Technology Corporation ELM75-SERIES Datasheet HTML 7Page - ELM Technology Corporation ELM75-SERIES Datasheet HTML 8Page - ELM Technology Corporation ELM75-SERIES Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Rev.1.2
13 -
http://www.elm-tech.com
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit Note*
Detection voltage
VdetN
2.646
2.700
2.754
V
2
Hysteresis width
Vhys
VdetN×
0.02
VdetN×
0.06
VdetN×
0.08
V
2
Current consumption
Iss
Vdd=3.7V
0.4
1.8
μA
1
Power voltage
Vdd
0.8
6.0
V
2
Output current
IoutN1 Vdd=0.8V, Vds=0.4V
0.01
0.50
mA
3-(1)
IoutN2 Vdd=1.0V, Vds=0.4V
0.50
2.70
IoutP* Vdd=4.5V, Vds=0.4V
0.80
1.60
mA
3-(2)
Delay time
tPLH Vdd=0.8V to 4.5V
70
μs
4
tPHL Vdd=4.5V to 0.8V
150
Temperature
characteristic of VdetN
ΔVdetN
ΔTop Top=-40°C to +85°C
+100
ppm/°C
VdetN=2.7V(ELM7527xxxC)
* Note: test circuit No., IoutP is applied only for CMOS output products.
Top=25°C
Top=25°C
* Note: test circuit No., IoutP is applied only for CMOS output products.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit Note*
Detection voltage
VdetN
2.940
3.000
3.060
V
2
Hysteresis width
Vhys
VdetN×
0.02
VdetN×
0.06
VdetN×
0.08
V
2
Current consumption
Iss
Vdd=4.0V
0.4
1.8
μA
1
Power voltage
Vdd
0.8
6.0
V
2
Output current
IoutN1 Vdd=0.8V, Vds=0.4V
0.01
0.50
mA
3-(1)
IoutN2 Vdd=1.0V, Vds=0.4V
0.50
2.70
IoutP* Vdd=4.5V, Vds=0.4V
0.80
1.60
mA
3-(2)
Delay time
tPLH Vdd=0.8V to 4.5V
70
μs
4
tPHL Vdd=4.5V to 0.8V
150
Temperature
characteristic of VdetN
ΔVdetN
ΔTop Top=-40°C to +85°C
±100
ppm/°C
VdetN=3.0V(ELM7530xxxC)
ELM75xxxxxC CMOS Small package voltage detector
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit Note*
Detection voltage
VdetN
3.920
4.000
4.080
V
2
Hysteresis width
Vhys
VdetN×
0.02
VdetN×
0.06
VdetN×
0.08
V
2
Current consumption
Iss
Vdd=5.0V
0.4
1.8
μA
1
Power voltage
Vdd
0.8
6.0
V
2
Output current
IoutN1 Vdd=0.8V, Vds=0.4V
0.01
0.50
mA
3-(1)
IoutN2 Vdd=1.0V, Vds=0.4V
0.50
2.70
IoutP* Vdd=4.5V, Vds=0.4V
0.80
1.60
mA
3-(2)
Delay time
tPLH Vdd=0.8V to 4.5V
70
μs
4
tPHL Vdd=4.5V to 0.8V
150
Temperature
characteristic of VdetN
ΔVdetN
ΔTop Top=-40°C to +85°C
±100
ppm/°C
VdetN=4.0V(ELM7540xxxC)
* Note: test circuit No., IoutP is applied only for CMOS output products.
Top=25°C


Similar Part No. - ELM75-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM75 ELM-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
ELM Technology Corporat...
ELM75 ELM-TECH-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
ELM7522CAB-N ELM-TECH-ELM7522CAB-N Datasheet
143Kb / 12P
   CMOS Small package voltage detector
ELM7522CAB-S ELM-TECH-ELM7522CAB-S Datasheet
143Kb / 12P
   CMOS Small package voltage detector
ELM7522CBB-N ELM-TECH-ELM7522CBB-N Datasheet
143Kb / 12P
   CMOS Small package voltage detector
More results

Similar Description - ELM75-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7522NAB-S ELM-TECH-ELM7522NAB-S Datasheet
143Kb / 12P
   CMOS Small package voltage detector
logo
ELM Electronics
ELM75 ELM-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
ELM Technology Corporat...
ELM75 ELM-TECH-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
Seiko Instruments Inc
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com