Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM85-SERIES Datasheet(PDF) 7 Page - ELM Technology Corporation

Part # ELM85-SERIES
Description  CMOS 600mA/800mA LDO voltage regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM85-SERIES Datasheet(HTML) 7 Page - ELM Technology Corporation

Back Button ELM85-SERIES Datasheet HTML 3Page - ELM Technology Corporation ELM85-SERIES Datasheet HTML 4Page - ELM Technology Corporation ELM85-SERIES Datasheet HTML 5Page - ELM Technology Corporation ELM85-SERIES Datasheet HTML 6Page - ELM Technology Corporation ELM85-SERIES Datasheet HTML 7Page - ELM Technology Corporation ELM85-SERIES Datasheet HTML 8Page - ELM Technology Corporation ELM85-SERIES Datasheet HTML 9Page - ELM Technology Corporation ELM85-SERIES Datasheet HTML 10Page - ELM Technology Corporation ELM85-SERIES Datasheet HTML 11Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
14 -
http://www.elm-tech.com
Rev.1.4
■Marking
ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator
SOT-89
SOT-89-5
Symbol
Output voltage range
(V)
Package
CE Type
00
1.2~3.0
SOT-89
No CE
01
3.1~4.0
SOT-89
No CE
02
1.2~3.0
SOT-89-5
CE=High
03
3.1~4.0
SOT-89-5
CE=High
54
1.2~3.0
SOT-23
No CE
55
3.1~4.0
SOT-23
No CE
5Y
1.2~3.0
SOT-25
CE=High
5Z
3.1~4.0
SOT-25
CE=High
a, b : Represents Output voltage range , Package type and CE type.
SOT-23
SOT-25
Symbol
Output voltage(V)
1
3.1
2
3.2
3
3.3
4
3.4
5
3.5
6
3.6
7
3.7
8
3.8
9
3.9
0
4.0
A
B
1.2
C
1.3
D
1.4
E
1.5
c : Represents Output voltage.
d : Represents the assembly lot number
1~0, A~Z repeated (I,O,X excepted)
Symbol
Output voltage(V)
F
1.6
G
1.7
H
1.8
J
1.9
K
2.0
L
2.1
M
2.2
N
2.3
P
2.4
Q
2.5
R
2.6
S
2.7
T
2.8
U
2.9
V
3.0


Similar Part No. - ELM85-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM85 ELM-TECH-ELM85 Datasheet
830Kb / 13P
   ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM852 ELM-TECH-ELM852 Datasheet
1Mb / 10P
   150關A Low power CMOS operational amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
   CMOS operational amplifier
logo
ELM Technology Corporat...
ELM85301AA-N ELM-TECH-ELM85301AA-N Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
More results

Similar Description - ELM85-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85 Datasheet
830Kb / 13P
   ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
Unisonic Technologies
L1188 UTC-L1188_10 Datasheet
152Kb / 6P
   800mA CMOS LDO
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
   800mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com