Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM86-SERIES Datasheet(PDF) 11 Page - ELM Technology Corporation

Part # ELM86-SERIES
Description  CMOS Dual 400mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM86-SERIES Datasheet(HTML) 11 Page - ELM Technology Corporation

Back Button ELM86-SERIES Datasheet HTML 5Page - ELM Technology Corporation ELM86-SERIES Datasheet HTML 6Page - ELM Technology Corporation ELM86-SERIES Datasheet HTML 7Page - ELM Technology Corporation ELM86-SERIES Datasheet HTML 8Page - ELM Technology Corporation ELM86-SERIES Datasheet HTML 9Page - ELM Technology Corporation ELM86-SERIES Datasheet HTML 10Page - ELM Technology Corporation ELM86-SERIES Datasheet HTML 11Page - ELM Technology Corporation ELM86-SERIES Datasheet HTML 12Page - ELM Technology Corporation ELM86-SERIES Datasheet HTML 13Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Rev.1.0
13 -
ELM86xxxxBxA CMOS Dual 400mA LDO Regulator
0 40 80 120 160 200 240 280 320 360
2.0
2.5
3.0
3.5
4.0
Load Transient Response
Cin=Co=1.0 F
Time( S)
Vin=4.0V
Output Voltage
Output Current
100mA
10mA
0 40 80 120 160 200 240 280 320 360
2
2.5
3
3.5
4
4.5
5
5.5
6
Time( S)
Input Transient Response
Co=1.0 F
Input Voltage
Output Voltage
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
Vin(V)
Iss-Vin
Top=25
101
102
103
104
105
0
10
20
30
40
50
60
70
80
Ripple Rejection
Co=1.0 F
Frequency(Hz)
°C
μ
μ
μ
μ
μ


Similar Part No. - ELM86-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM86 ELM-ELM86 Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
ELM Technology Corporat...
ELM86 ELM-TECH-ELM86 Datasheet
924Kb / 13P
   CMOS Dual 400mA LDO Regulator
ELM861212B1A-S ELM-TECH-ELM861212B1A-S Datasheet
133Kb / 13P
   Dual 400mA LDO Regulator
ELM861212B2A-S ELM-TECH-ELM861212B2A-S Datasheet
133Kb / 13P
   Dual 400mA LDO Regulator
ELM861218B1A-S ELM-TECH-ELM861218B1A-S Datasheet
133Kb / 13P
   Dual 400mA LDO Regulator
More results

Similar Description - ELM86-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM86 ELM-ELM86 Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
ELM Technology Corporat...
ELM86 ELM-TECH-ELM86 Datasheet
924Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
List of Unclassifed Man...
CYT6167 ETC2-CYT6167 Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
logo
ELM Technology Corporat...
ELM861212B1A-S ELM-TECH-ELM861212B1A-S Datasheet
133Kb / 13P
   Dual 400mA LDO Regulator
logo
List of Unclassifed Man...
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555 Datasheet
184Kb / 6P
   400mA LDO Dropout Voltage Regulator
VER 1.2
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com